Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8220A Datasheet(PDF) 13 Page - ams AG

Part # AS8220A
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220A Datasheet(HTML) 13 Page - ams AG

Back Button AS8220A Datasheet HTML 9Page - ams AG AS8220A Datasheet HTML 10Page - ams AG AS8220A Datasheet HTML 11Page - ams AG AS8220A Datasheet HTML 12Page - ams AG AS8220A Datasheet HTML 13Page - ams AG AS8220A Datasheet HTML 14Page - ams AG AS8220A Datasheet HTML 15Page - ams AG AS8220A Datasheet HTML 16Page - ams AG AS8220A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
12 - 33
AS8220A
Objective Data Sheet - Detailed Description
8 Detailed Description
The AS8220A is a high-speed fault tolerant device operating as an interface between a generic controller and the
copper wire physical bus. The AS8220A is designed to extend the application range for high speed and safety critical
time triggered bus systems in an automotive environment. The drivers are short circuit protected against the positive
and negative supply voltage to increase the robustness and reliability of automotive systems. The AS8220A operates
at baudrates up to 10 Mbps to increase the bandwidth for automotive applications.
Block Description
The electrical AS8220A high-speed bus-system transceiver is the interface between a FlexRay™ network node
module and the channel. The transceiver provides differential transmit and receive capability to the bus, allowing the
node module bidirectional time multiplexed binary data stream transfer. Besides the transmit and receive function, the
transceiver provides low power management, supply voltage monitoring (under voltage detection) as well as bus
failure detection and represents a ESD-protection barrier between the bus and the ECU.
The AS8220A consists of 8 different functional blocks (see Figure 1):
Table 4. Functional Blocks
Functional Block
Short Description
Events
Transitions in order to change between the operation modes are possible only when events are detected. The device
supports two type of events, events on the host controller interface (STBN) and detection of undervoltage or supply
voltage recovery. Whenever an event is recognized, a transition can be performed.
Operating Modes
The AS8220A provides the following operating modes:
NORMAL: non low power mode
STANDBY: low power mode
Host Controller Interface (HCI)
Digital interface between the transceiver and the host controller (HC)
The host interface comprises the read out handler, which delivers failure and
status information via the ERRN pin to the host controller.
Communication Controller Interface
(CCI)
Digital interface between the transceiver and the FlexRay communication
controller (CC)
Bus Guarding Interface (BGI)
Digital interface between the transceiver and the FlexRay bus guardian (BG)
Power Supply Interface
(PSI)
The power supply interface consists of an sub functional block, the voltage
monitor (VM) and includes two analogue inhibit outputs for signalling the
internal state of the transceiver
Internal Logic (IL)
The digital signals from the functional blocks of the device are fed into the
internal logic where the forwarding of FlexRay messages from analogue side
to digital interfaces and vice versa is done. The state machine is performed in
this block and is dealing the error, wake and power-on flags.
Bus Failure Detector (BFD)
Temperature Protection (TP)
The bus failure detector is directly connected to the bus pins, in order to detect
several external failure conditions which may occur on the bus.
The temperature protection turns off the output driver when reaching the
specified internal temperature in order to protect the device.
Transmitter
The transmitter provides the bus signals as specified on the bus lines.
Receiver
The receiver captures FlexRay valid signals on the bus lines and provides
received data streams to the internal logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com