Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8220A Datasheet(PDF) 18 Page - ams AG

Part # AS8220A
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220A Datasheet(HTML) 18 Page - ams AG

Back Button AS8220A Datasheet HTML 14Page - ams AG AS8220A Datasheet HTML 15Page - ams AG AS8220A Datasheet HTML 16Page - ams AG AS8220A Datasheet HTML 17Page - ams AG AS8220A Datasheet HTML 18Page - ams AG AS8220A Datasheet HTML 19Page - ams AG AS8220A Datasheet HTML 20Page - ams AG AS8220A Datasheet HTML 21Page - ams AG AS8220A Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
17 - 33
AS8220A
Objective Data Sheet - Detailed Description
High current on BM high side driver
This flag can only be set/reset in NORMAL mode when the driver is enabled and during the transmission of a stable
Data0 longer than tBUS_ERROR. If the absolute value of the BM pin current is higher than ITHH after tBUS_ERROR since
the driver enable signal then the flag is set otherwise it is reset. The flag is reset at power off.
High current on BM low side driver
This flag can only be set/reset in NORMAL mode when the driver is enabled and during the transmission of a stable
Data1 longer than tBUS_ERROR. If the absolute value of the BM pin current is higher than ITHH after tBUS_ERROR since
the driver enable signal then the flag is set otherwise it is reset. The flag is reset at power off.
BP open line
This flag is the logical “AND” between: low current on BP high side and low current on BP low side.
BM open line
This flag is the logical “AND” between: low current on BM high side and low current on BM low side.
BP short circuit to VCC
This flag is the logical “AND” between: low current on BP high side and high current on BP low side.
BP short circuit to GND
This flag is the logical “AND” between: high current on BP high side and low current on BP low side.
BM short circuit toVCC
This flag is the logical “AND” between: low current on BM high side and high current on BM low side.
BM short circuit to GND
This flag is the logical “AND” between: high current on BM high side and low current on BM low side.
Short circuit between BP and BM
This flag can only be set or reset in NORMAL mode when the driver is enabled. After a time tBUS_ERROR since TxD
edge if the absolute value of the differential bus voltage is lower than VSHORT then the flag is set otherwise it is reset.
he flag is reset at power off.
Over temperature
This flag can only be set or reset in the non low power modes. The flag is set when the junction temperature exceeds
OTTH and it is reset when the junction temperature falls below OTTL.
TxEN_BGE timeout
This flag can only be set in NORMAL mode when the driver is enabled (TxEN is low and BGE is high) for a time longer
than tTxEN_max. It is reset every transition on TxEN or BGE or if the device exits NORMAL mode. If the flag is set the
driver is disabled.
Error flag
This flag is set if at least one error flag or if VIO flag is set and it is reset if none of the previous flag is set.
Status Flags Description
Power on flag
The power on flag is set leaving the power off state and it is reset entering a low power mode after a non low power
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com