Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8220A Datasheet(PDF) 32 Page - ams AG

Part # AS8220A
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220A Datasheet(HTML) 32 Page - ams AG

Back Button AS8220A Datasheet HTML 26Page - ams AG AS8220A Datasheet HTML 27Page - ams AG AS8220A Datasheet HTML 28Page - ams AG AS8220A Datasheet HTML 29Page - ams AG AS8220A Datasheet HTML 30Page - ams AG AS8220A Datasheet HTML 31Page - ams AG AS8220A Datasheet HTML 32Page - ams AG AS8220A Datasheet HTML 33Page - ams AG AS8220A Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
31 - 33
AS8220A
Objective Data Sheet - Package Drawings and Markings
10 Package Drawings and Markings
Figure 19. package Diagram
Note:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. N is the total number of terminals.
Table 11. package Dimensions
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
1.73
1.86
1.99
L
0.63
0.75
0.95
A1
0.05
0.13
0.21
L1
1.25 REF
A2
1.68
1.73
1.78
N
See Variations
b
0.25
-
0.38
0º
4º
8º
b1
0.25
0.30
0.33
R
0.09
0.15
C
0.09
-
0.20
AA
6.07
6.20
6.33
C1
0.09
0.15
0.16
AB
6.07
6.20
6.33
D
See Variations
AC
7.07
7.20
7.33
E
5.20
5.30
5.38
AD
8.07
8.20
8.33
e
0.65 BSC
AE
10.07
10.20
10.33
H
7.65
7.80
7.90
AF
10.07
10.20
10.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com