Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8220A Datasheet(PDF) 21 Page - ams AG

Part # AS8220A
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220A Datasheet(HTML) 21 Page - ams AG

Back Button AS8220A Datasheet HTML 17Page - ams AG AS8220A Datasheet HTML 18Page - ams AG AS8220A Datasheet HTML 19Page - ams AG AS8220A Datasheet HTML 20Page - ams AG AS8220A Datasheet HTML 21Page - ams AG AS8220A Datasheet HTML 22Page - ams AG AS8220A Datasheet HTML 23Page - ams AG AS8220A Datasheet HTML 24Page - ams AG AS8220A Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
20 - 33
AS8220A
Objective Data Sheet - Detailed Description
Receiver
The receiver generates from the FlexRay differential bus voltage a digital signal on the RxD pin. RxD shows the data
(Data0 and Data1). The receiver is only active in NORMAL mode.
Figure 13. Timing characteristics of the bus signals to RxD
Bus activity and idle detection (only in NORMAL mode)
If the absolute differential bus voltage is higher than VBUSActiveLow and less than VBUSActiveHigh for a time longer than
tBUSIdleDetection, bus Idle is detected, RxD is switched to logical high after a time tBUSIdleReaction.
If the absolute differential bus voltage is higher than VBUSActiveHigh or lower than VBUSActiveLow for a time loner than
tBUSActivitiyDetection, bus Activity is detected, RxD is following the detected bus data states as indicated below with a
time tBUSActivityReaction.
Table 9. Logic table for receiver bus signal detection
Receiver Operation mode
Bus signals
RxD
Bus data detection (NORMAL mode)
If, after the activity detection the differential bus voltage is higher than VData1, RxD will be high after a time tBUS_RxD01.
If, after the activity detection the differential bus voltage is lower than VData0, RxD will be low after a time tBUS_RxD10.
NORMAL mode
Idle
H
Data0
L
Data1
H
VBUS
-VBUS_DIFF_Idle
+VBUS_DIFF_Idle
tRxD_FALL
VBUS_ActiveHigh
VData1
VBUS_ActiveLow
VData0
VRxD
30%*VIO
70%*VIO
tBUS_RxD10
tBUS_RxD01
tRxD_RISE
Data0: x *tBIT
Data1: x *tBIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com