Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 11 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 11 Page - ams AG

Back Button AS8501_06 Datasheet HTML 7Page - ams AG AS8501_06 Datasheet HTML 8Page - ams AG AS8501_06 Datasheet HTML 9Page - ams AG AS8501_06 Datasheet HTML 10Page - ams AG AS8501_06 Datasheet HTML 11Page - ams AG AS8501_06 Datasheet HTML 12Page - ams AG AS8501_06 Datasheet HTML 13Page - ams AG AS8501_06 Datasheet HTML 14Page - ams AG AS8501_06 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 10 of 40
7.2.1
Reference voltage
The ASSP contains a highly sophisticated precision reference voltage. Its typical temperature dependence is a slight parabola shaped curve and is
shown in figure 21. This reference voltage is used mainly for the internal AD-converter, but can also be used for external purposes if the impedance of
the external circuitry is high enough.
The absolute value and its temperature coefficient (TC) is given by the content of the TRR register. This opens the possibility to calibrate the reference
voltage to the optimum absolute value (i.e. 1.28 V) and the TC value to zero thus eliminating fully the production spread.
Writing into subregister TRIMBV of TRR changes the absolute value linearly by 5.1 mV per digit as shown in the following graph and described in full
detail in 7.5.7
Trimming the TC value is similarly done by writing into subregister TRIMBTC. Since the TC trimming is also changing the absolute value it is important
to trim the TC first and then the absolute value.
1,1 6
1,2 0
1,2 4
1,2 8
1,3 2
1,3 6
0
5
1 0
15
20
25
3 0
c onte n t of TR IM B V in bits
75 ° C
24 °C
1,12
1,14
1,16
1,18
1,20
1,22
1,24
1,26
10
30
50
70
90
110
resistan ce lo ad in kO h m
m eas u rem en t
o p en lo o p va lu e
Figure 4: Reference voltage as function of resistance load
Figure 5: Reference voltage as function of temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com