Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 4 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 4 Page - ams AG

  AS8501_06 Datasheet HTML 1Page - ams AG AS8501_06 Datasheet HTML 2Page - ams AG AS8501_06 Datasheet HTML 3Page - ams AG AS8501_06 Datasheet HTML 4Page - ams AG AS8501_06 Datasheet HTML 5Page - ams AG AS8501_06 Datasheet HTML 6Page - ams AG AS8501_06 Datasheet HTML 7Page - ams AG AS8501_06 Datasheet HTML 8Page - ams AG AS8501_06 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 3 of 40
4
PIN function description for SOIC 16 package
PIN
Name
description
Comment
1
RSHL
anlalog input from shunt resistor low side
analog common for VBAT, ETS and ETR; return for internal
current source
2
RSHH
anlalog input from shunt resistor high side
3
ETS
analog input with reference to RSHL
analog input for differential input ETS-VBAT
analog output for current-source
4
VBAT
analog input with reference to RSHL
analog input for differential input ETS-VBAT
analog output for current-source
5
VSS
0V-power supply for analog part
6
EZPRG
digital power input for programming Zener fuses.
This input must be open or connected to VDDD. It is not intended,
that OTP content is modified by the user.
7
VSSD
0V-power supply and ground reference point for digital part
8
CLK
digital input for external clock, master clock input
external clock typical 8.192 MHz; during MWU-mode external
connection must be high impedance or connected to VDDD to
reduce current consumption
9
SCLK
serial port clock input for SDI-port
the user must provide a serial clock on this input
10
SDAT
serial data in- and output
11
INTN
Digital I/O for interrupt from comparator
signal wake-up to external µC
conversion ready flag for external interupt and synchronisation in normal mode
12
VDDD
+ 5V digital power supply
13
VDDA
+ 5V analog power supply
14
REF
reference input/output
must be connected to VSS with a 30 nF capacitor
15
AGND
analog ground, ground reference for ADC
this PIN must be connected with a 50-100nF-capacitor to VSS;
no direct connection to VSSD/VSS allowed
16
ETR
analog input with reference to RSHL
analog output for current-source
Table 1: Pin Description
Figure 2: Schematic Package outline SOIC 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com