Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 12 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 12 Page - ams AG

Back Button AS8501_06 Datasheet HTML 8Page - ams AG AS8501_06 Datasheet HTML 9Page - ams AG AS8501_06 Datasheet HTML 10Page - ams AG AS8501_06 Datasheet HTML 11Page - ams AG AS8501_06 Datasheet HTML 12Page - ams AG AS8501_06 Datasheet HTML 13Page - ams AG AS8501_06 Datasheet HTML 14Page - ams AG AS8501_06 Datasheet HTML 15Page - ams AG AS8501_06 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 11 of 40
-250
-200
-150
-100
-5 0
0
50
100
150
200
0
5
10
15
20
25
30
35
s e tting of s ubre gis te r T R IM B T C of TR R
ch ang e 12 .7 p p m /K
p er step
The TC trimming also opens the unique possibility to change the TC-value within the time of reprogramming of the TRR-register (i.e. within µsec) to
allow the compensation of
different TC-values of the external circuitry for different channels.
In addition it can be used for very fast autocalibration of the total TC of a given channel. An external reference voltage is applied to the channel to be
checked. Then all numbers from 0 to 31 are written into subregister TRIMBTC and a reading is done for the input voltage and the internal temperature
as well. The same is repeated at any temperature above RT. From these data the TRIMBTC setting for a minimum drift can be easily calculated.
7.2.2
Current sources
The AS8501 contains several current sources which can be used for checking all input lines for wire brake, to control external circuitry or to activate
external sensors.
Main current source
The main current source can be digitally controlled via the content of the CRG register in 31 steps of 8 µA in the range of 0 to 248 µA. Its absolute
value can be calibrated by writing in the subregister TRIMC of TRR.
The current source can be switched to the inputs VBAT, ETR or ETS to activate external sensors like RTDs, NTCs or resistance briges and strain
gages. It can also be used to detect a wire breake of external connected sensors. Performing a measurement with a high and a low (or zero) current
opens the possiblity to eliminate thermal EMF voltages in external sensors.
Secondary current sources
The ASSP contains two other high quality current sources supplying a current of approx. 2µA at the inputs RSHL and RSHH. These current sources
can be switched on and off at any time to check the correct connection of both terminals. During off state they must not interfere with the high sensitive
voltage inputs, especially the noise level should not be increased. If one of the terminals is an open connection the amplifier goes into saturation and
the overflow bit is set.
Figure 6: Temperature coefficient as function of TRIMBTC setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com