Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8501 Datasheet(PDF) 39 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 39 Page - ams AG

Back Button AS8501_06 Datasheet HTML 33Page - ams AG AS8501_06 Datasheet HTML 34Page - ams AG AS8501_06 Datasheet HTML 35Page - ams AG AS8501_06 Datasheet HTML 36Page - ams AG AS8501_06 Datasheet HTML 37Page - ams AG AS8501_06 Datasheet HTML 38Page - ams AG AS8501_06 Datasheet HTML 39Page - ams AG AS8501_06 Datasheet HTML 40Page - ams AG AS8501_06 Datasheet HTML 41Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 38 of 40
Package Dimensions
Thermal Resistance junction / ambient.: 66 K/W (typ.) in still air
11
Revision History
Revision
Date
Description
1.0
1.1
Feb.10,2006
March 23, 2006
Initial Revision
RthJA
12
Ordering Information
Delivery in Tape and Reel (1 reel = 1500 devices)
Order AS8501 T&R
Delivery in Tubes (1 Tube = 46 devices)
Order AS8501 TUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com