Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 12 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 12 Page - ams AG

Back Button AS8530_07 Datasheet HTML 8Page - ams AG AS8530_07 Datasheet HTML 9Page - ams AG AS8530_07 Datasheet HTML 10Page - ams AG AS8530_07 Datasheet HTML 11Page - ams AG AS8530_07 Datasheet HTML 12Page - ams AG AS8530_07 Datasheet HTML 13Page - ams AG AS8530_07 Datasheet HTML 14Page - ams AG AS8530_07 Datasheet HTML 15Page - ams AG AS8530_07 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
11 - 32
AS8530
Datasheet - Electrical Character i s t ics
6.6 VCC Undervoltage Reset and Window Watchdog
The values in this table are valid for normal and standby modes. All parameters are tested, unless mentioned otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vuvr_off
VCC under-voltage threshold off
(Default)
Rising edge of VCC
2.55
2.95
V
Vuvr_on
VCC under voltage threshold on
(Default)
Falling edge of VCC
2.3
2.7
V
Vuvr1_off
VCC under voltage threshold off
(Factory Option)
Rising edge of VCC
1
1. These are factory options which could be made available on specific request.
3.0
3.4
V
Vuvr1_on
VCC under voltage threshold on
(Factory Option)
Falling edge of VCC
1
2.75
3.15
V
Vuvr2_off
VCC under voltage threshold off
(Factory Option)
Rising edge of VCC
1
3.5
3.9
V
Vuvr2_on
VCC under voltage threshold on
(Factory Option)
Falling edge of VCC
1
3.25
3.65
V
Vuvr3_off
VCC under-voltage threshold off
(Factory Option)
Rising edge of VCC
1
4.0
4.4
V
Vuvr3_on
VCC under voltage threshold on
(Factory Option)
Falling edge of VCC
1
3.75
4.15
V
Vhyst_vcc
Hysteresis of under-voltage threshold
on/off VCC
Default and all other factory options
0.1
0.25
0.4
V
trr
Spike filter on VCC
To remove disturbance
4
µs
Vsuvr_off
VSUP under-voltage threshold off
3.85
V
Vsuvr_on
VSUP under-voltage threshold on
BOR level (considered to be the Master
Reset for AS8530)
3.25
V
WD_TCL
WWD non-service time
(if factory enabled)
RESET will be generated
1 2
2. -40%, -20%, +20%, +60%, and +100% timings are available as factory options.
0-75
0 -100
0-125
ms
WD_TSV
WWD Service – time
(if factory enabled)
RESET will not be generated
1
75-150 100-200 125-250
ms
tRes
Reset delay time
4ms, 16ms, 32ms (typ) are factory options
(min = -25% and max = +50% of typical)
68
12
ms
Tshd
Temporary shutdown reset active time
0.1
1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com