Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 2 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 2 Page - ams AG

  AS8530_07 Datasheet HTML 1Page - ams AG AS8530_07 Datasheet HTML 2Page - ams AG AS8530_07 Datasheet HTML 3Page - ams AG AS8530_07 Datasheet HTML 4Page - ams AG AS8530_07 Datasheet HTML 5Page - ams AG AS8530_07 Datasheet HTML 6Page - ams AG AS8530_07 Datasheet HTML 7Page - ams AG AS8530_07 Datasheet HTML 8Page - ams AG AS8530_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AS8530
LIN Transceiver with Integrated Voltage Regulator and
MCU Interface for Automotive Applications
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
1 - 32
1 General Description
The AS8530 is a general purpose companion IC for sensor and
actuator LIN slaves offering LIN transceiver and low drop voltage
regulator.
It also provides a 2-wire microcontroller interface through shared EN
and TX pins to access a window watchdog with RC oscillator, control
registers, backup registers and monitoring information.
The IC is fabricated in a high voltage CMOS technology which is
able to withstand voltages up to 42V.
The product is available in ep-SOIC8 package.
2 Key Features

Operating voltage 6V to 18V

Linear, low-drop voltage regulator: VCC = 5V ±5% or 3.3V ±5%
as a factory programming option

50mA load current

Operating modes: Normal and Standby or Normal and Sleep as
a factory option

Typically 45µA quiescent current in standby mode,
Typically 35µA quiescent current in sleep mode

Under voltage reset with factory options

LIN bus transceiver l conforming to LIN 2.1, TX time out fail
safe feature, over temperature warning and shut down

Window watchdog if factory enabled

Micro controller 2-wire interface through shared pins for
watchdog trigger, monitoring, register read /write

Chip ID for traceability and module ID

8 Backup registers to store data during VCC shut down

ep-SOIC8 package

-40ºC to +125ºC ambient operating temperature
3 Applications
The AS8530 is a System Basis Chip for automotive LIN networked
sensor or actuator slaves.
VSUP
EN
VCC
Temperature
Limiter
TSHD
RESET
LIN
30k
RX
Receiver
VSUP
VCC
TX
Transmitter
GND
POR-VSUP
RESET_VSUP_N
15k
2-Wire
Interface
Window
Watchdog
(WWD)
LIN
Wakeup
Control
Signals
LIN Transceiver
RESET_VSUP_N
RESET_VCC_N
WWD Output
LDO
Mode
Control
POR-VCC
Reset
Block
Slew
Control
AS8530
Figure 1. AS8530 LIN Transceiver Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com