Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 6 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 6 Page - ams AG

Back Button AS8530_07 Datasheet HTML 2Page - ams AG AS8530_07 Datasheet HTML 3Page - ams AG AS8530_07 Datasheet HTML 4Page - ams AG AS8530_07 Datasheet HTML 5Page - ams AG AS8530_07 Datasheet HTML 6Page - ams AG AS8530_07 Datasheet HTML 7Page - ams AG AS8530_07 Datasheet HTML 8Page - ams AG AS8530_07 Datasheet HTML 9Page - ams AG AS8530_07 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
5 - 32
AS8530
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 6 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
DC Supply Voltage
VSUP
-0.3
42
V
Transient up to 500ms duration
EN
-0.3
VSUP +
0.3
V
VCC
-0.3
7
V
LIN
-27
+40
V
RESET, RX, TX
-0.3
VCC + 0.3
V
Input current (latchup immunity) Iscr
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
Electrostatic Discharge (ESD)
Norm: AEC-Q-100-002
±2
kV
For on board signals VCC, TX, RX, Reset
±4
For VSUP
±6
LIN to VSS, HBM Model
Continuous Power Dissipation
Total operating power dissipation
(all supplies and outputs) Pt
0.25
W
epSOIC8 in still air, soldered on JEDEC standard
board @125º ambient, static operation = no time limit
Temperature Ranges and Storage Conditions
Storage temperature (Tstrg)
-55
+150
ºC
Package body temperature (Tbody)
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte
tin (100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com