Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 28 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 28 Page - ams AG

Back Button AS8530_07 Datasheet HTML 24Page - ams AG AS8530_07 Datasheet HTML 25Page - ams AG AS8530_07 Datasheet HTML 26Page - ams AG AS8530_07 Datasheet HTML 27Page - ams AG AS8530_07 Datasheet HTML 28Page - ams AG AS8530_07 Datasheet HTML 29Page - ams AG AS8530_07 Datasheet HTML 30Page - ams AG AS8530_07 Datasheet HTML 31Page - ams AG AS8530_07 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
27 - 32
AS8530
Datasheet - Application In form atio n
Note:
When the device is powered ON @ ambient temperature of 125ºC, the status of the OVTEMP140 can be HIGH indicating an over
temperature warning. This is because 125ºC is within the limits for the OVTEMP140.
Diagnosis Register
0 x 08
Diagnostic Register 1
On POR_VSUP
0000_0011
RD
D7..D0 = DR[7:0] 8 LSB bits of the 24 bit Diagnostic Register
D0 PORVSUP (set when VSUP < Vsuvr_on, cleared after µC read)
D1 UVVCC Under voltage VCC (set when VCC < Vuvr_on, cleared
after µC read)
D2 OTEMP160 Over-temperature Reset. (set when temp > Tsd,
cleared after µC read)
D3 OTEMP140 Over-temperature warning (set when temp > Totset,
cleared after µC read)
D4 OVVBAT Overvoltage VBAT. (set when VSUP > Vovthh, cleared
after µC read)
D5 Reserved
D6 RWAKE Remote Wakeup (set on Remote Wakeup event on LIN
Bus, cleared after µC read)
D7 WWDT Window watchdog timeout. (set on failure of Window
watchdog timeout, cleared after µC read)
0 x 09
Diagnostic Register 2
On POR_VSUP
0000_0000
RD
D7..D0 = DR[15:8] next 8 LSB bits of the 24 bit Diagnostic
Register.
D0 TXTIMEOUT Tx timeout of 1sec. (set on TX low > 1sec,
cleared after µC read)
D1 TEMPSHUT this bit is set on entering into temporary
shutdown state and cleared after µC read.
D7 D2 Reserved
Table 8. Configuration Registers
Address
Register Name
POR Value
RD / WR
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com