Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOP Datasheet(PDF) 7 Page - ams AG

Part # AS8530-ASOP
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOP Datasheet(HTML) 7 Page - ams AG

Back Button AS8530-ASOP Datasheet HTML 3Page - ams AG AS8530-ASOP Datasheet HTML 4Page - ams AG AS8530-ASOP Datasheet HTML 5Page - ams AG AS8530-ASOP Datasheet HTML 6Page - ams AG AS8530-ASOP Datasheet HTML 7Page - ams AG AS8530-ASOP Datasheet HTML 8Page - ams AG AS8530-ASOP Datasheet HTML 9Page - ams AG AS8530-ASOP Datasheet HTML 10Page - ams AG AS8530-ASOP Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
6 - 32
AS8530
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Operating Conditions
6.2 Digital Inputs and Outputs
All pull-up, pull-downs have been implemented with active devices. RESET and RX have been measured with 100pF load.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP
Positive Supply Voltage
Normal operating condition
6
18
V
VSS
Negative Supply Voltage
0
V
TAMB
Ambient temperature
Maximum junction temperature (TJ) 150ºC
-40
+125
ºC
Isupp
Supply Current
65
mA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
EN Input
VIH
High level input voltage
High Voltage Pin which can also be
connected to VSUP
0.8VCC
V
VIL
Low level input voltage
0.2VCC
V
ILEAK
Input leakage current
EN = L
-1
+1
µA
Ipd_en
Pull down current
EN = VCC
20
40
µA
TX
VIH
High level input voltage
0.8VCC
V
VIL
Low level input voltage
0.2VCC
V
ILEAK
Input leakage current
TX = VCC
-1
+1
µA
Ipu
Pull up current
TX pulled to VSS
-30
-10
µA
RESET
VOH
High level output voltage
IOUT = 1 mA, VSUP
≥ 6V
VCC -
0.5
V
VOL
Low level output voltage
VSUP
≥ 6V
VSS
+ 0.4
V
RX
VOH
High level output voltage
VCC -
0.5
V
VOL
Low level output voltage
IOUT = 1 mA, VSUP
≥ 6V
VSS +
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com