Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOP Datasheet(PDF) 32 Page - ams AG

Part # AS8530-ASOP
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOP Datasheet(HTML) 32 Page - ams AG

Back Button AS8530-ASOP Datasheet HTML 25Page - ams AG AS8530-ASOP Datasheet HTML 26Page - ams AG AS8530-ASOP Datasheet HTML 27Page - ams AG AS8530-ASOP Datasheet HTML 28Page - ams AG AS8530-ASOP Datasheet HTML 29Page - ams AG AS8530-ASOP Datasheet HTML 30Page - ams AG AS8530-ASOP Datasheet HTML 31Page - ams AG AS8530-ASOP Datasheet HTML 32Page - ams AG AS8530-ASOP Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
31 - 32
AS8530
Datasheet - Orderin g Info r m ation
10 Ordering Information
The devices are available as the standard products shown in Table 9.
Note:
All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 9. Ordering Information
1
1. For both product versions, the RESET delay time tRes as well as undervoltage threshold are set to default value and window watchdog
is disabled. On special request, optional factory settings can be made available on specific vendor addendum.
Ordering Code
Description
Delivery Form
Package
AS8530-ASOP
LIN Transceiver with Integrated Voltage Regulator and
MCU Interface (3.3V Version)
2
2. Also available as 5V version.
Tape and Reel (2500 pcs)
SOIC-8
AS8530-ASOM
Tape and Reel (500 pcs)
SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com