Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOP Datasheet(PDF) 10 Page - ams AG

Part # AS8530-ASOP
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOP Datasheet(HTML) 10 Page - ams AG

Back Button AS8530-ASOP Datasheet HTML 6Page - ams AG AS8530-ASOP Datasheet HTML 7Page - ams AG AS8530-ASOP Datasheet HTML 8Page - ams AG AS8530-ASOP Datasheet HTML 9Page - ams AG AS8530-ASOP Datasheet HTML 10Page - ams AG AS8530-ASOP Datasheet HTML 11Page - ams AG AS8530-ASOP Datasheet HTML 12Page - ams AG AS8530-ASOP Datasheet HTML 13Page - ams AG AS8530-ASOP Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
9 - 32
AS8530
Datasheet - Electrical Character i s t ics
6.5.2 AC Electrical Characteristics
LIN Driver, Bus load conditions (CBUS ; RBUS): 1nF; 1k
Ω / 6,8nF; 660Ω / 10nF; 500Ω
Note:
Sleep-mode to Normal mode transition is identical to the Power-ON sequence after the remote wakeup event on LIN bus. The
transition time will include the tRes (RESET time) and start-up time for the LDO.
Symbol
Conditions
Min
Typ
Max
Units
D1
(worst case 20Kbps transmission)
Vth_rec(max) = 0.744 x VSUP;
Vth_dom(max) = 0.581 x VSUP;
VSUP = 6.0V to 18V; tbit = 50μs;
D1 = tbus_rec(min) / (2 x tbit)
0.369
D2
(worst case 20kbps transmission)
Vth_rec (min) = 0.422 x VSUP;
Vth_dom (min) = 0.284 x VSUP;
VSUP = 6V to 18V; tbit = 50μs;
D2 = tbus_rec(max) / (2 x tbit)
0.581
D3
(worst case 10.4kbps transmission)
Vth_rec (max) = 0.778 x VSUP;
Vth_dom (max) = 0.616 x VSUP;
VSUP = 6.0V to 18V; tbit = 96μs;
D3 = tbus_rec(min) / (2 x tbit)
0.417
D4
(worst case 10.4kbps transmission)
Vth_rec (min) = 0.389 x VSUP;
Vth_dom (min) = 0.251 x VSUP;
VSUP = 6V to18V; tbit = 96μs;
D4 = tbus_rec(max) / (2 x tbit)
0.59
tdLR
VCC = 5V;
Propagation delay bus dominant to RX LOW
6µs
tdHR
VCC = 5V;
Propagation delay bus dominant to RX HIGH
6µs
tRS
Receiver Delay symmetry
-2
2
µs
twake
Wake-up delay time
30
150
µs
tsln
Transition from standby mode to normal mode
(clock frequency is 128kHz ± 25%)
4
Clock cycles
tnsl
Transition from normal mode to standby mode
(clock frequency is 128kHz ± 25%)
6
Clock cycles
trec_deb
Receiver De-bounce time
1
3
µs
Cint
Guaranteed by design
220
250
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com