Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOP Datasheet(PDF) 21 Page - ams AG

Part # AS8530-ASOP
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOP Datasheet(HTML) 21 Page - ams AG

Back Button AS8530-ASOP Datasheet HTML 17Page - ams AG AS8530-ASOP Datasheet HTML 18Page - ams AG AS8530-ASOP Datasheet HTML 19Page - ams AG AS8530-ASOP Datasheet HTML 20Page - ams AG AS8530-ASOP Datasheet HTML 21Page - ams AG AS8530-ASOP Datasheet HTML 22Page - ams AG AS8530-ASOP Datasheet HTML 23Page - ams AG AS8530-ASOP Datasheet HTML 24Page - ams AG AS8530-ASOP Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
20 - 32
AS8530
Datasheet - Application In form atio n
8.4.2 Receive Mode
The data signals from the BUS pin will be transferred continuously to the pin RX. Short spikes on the bus signal are suppressed by the
implemented de-bouncing circuit. Including all tolerances the LIN specific receive threshold values of 0.4*VSUP and 0.6*VSUP will be securely
observed.
Figure 8. Receive Mode Impulse Diagram
8.5 RX and TX Interface
Input TX.
The 5V input TX controls directly the BUS level. LIN Transmitter acts like a slew-controlled level shifter. A dominant state (low) on TX leads to the
LIN bus being pulled low (dominant state) too. The TX pin has an internal active pull up connected to VCC. This guarantees that an open TX pin
generates a recessive BUS level.
Figure 9. TX Input Circuitry
t < tdeb_BUS
t < tdeb_BUS
RX
BUS
40%
50%
60%
Vthr_max
Vthr_min
Vthr_hys
Vthr_cnt
AS8530
VCC
MCU
RC-Filter
(10ns)
VCC
IPU_TXD
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com