Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOM Datasheet(PDF) 17 Page - ams AG

Part # AS8530-ASOM
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOM Datasheet(HTML) 17 Page - ams AG

Back Button AS8530-ASOM Datasheet HTML 13Page - ams AG AS8530-ASOM Datasheet HTML 14Page - ams AG AS8530-ASOM Datasheet HTML 15Page - ams AG AS8530-ASOM Datasheet HTML 16Page - ams AG AS8530-ASOM Datasheet HTML 17Page - ams AG AS8530-ASOM Datasheet HTML 18Page - ams AG AS8530-ASOM Datasheet HTML 19Page - ams AG AS8530-ASOM Datasheet HTML 20Page - ams AG AS8530-ASOM Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
16 - 32
AS8530
Datasheet - Detailed Descr i p ti on
7.8.4 Temporary Shutdown Mode
In this mode, the VCC is pulled down and the LDO is powered down. This mode is introduced to interface with other components which do not
have a pin for the reset functionality. This provides an alternative way to reset those components interfacing with AS8530. This mode is default
disabled but can be enabled by an OTP option. In this mode, all internal modules supplied by the LDO are disabled. Only the oscillator, control
registers are enabled. The VCC output can be temporarily switched off and pulled to VSS. EN signal, RX, TX is pulled low and LIN Transceiver
along with the LIN wake-up circuit is powered down. No remote wake-up functionality is possible. LIN bus enters into recessive state. The
system goes out of this mode to normal mode after the time-out of an internal counter delay (Tshd). Normal mode to temporary shutdown
transition will be controller by register bit in configuration register.
7.8.5 Thermal Shutdown State
If the junction temperature TJ is higher than Tsd, the AS8530 will be switched into the thermal shutdown mode. The transceiver is completely
disabled. No wake-up functionality is available. Window watchdog, TX timeout watchdog, and LDO are completely turned off. Only the over-
temperature monitor would be working. As soon as the temperature returns back to Tret, the system enters normal mode. For more information
on transition, see Table 3.
Note:
L = low state, H = high state, OT = Over-temperature Reset, Uvcc = Undervoltage VCC, Uvbat = Undervoltage VBAT, rwake =remote
wake, X = do not care.
Table 3. Transition Table
Transition
Interface
Reg.
0x05
D0
Flags
Comments
From mode
To mode
LIN
RX
TX
EN
rwake Uvbat
OT
Uvcc
Normal
Mode
Stand-By
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
inactive
TX is high for
TSTNDY_triggerr
Sleep
1
1. Chosen by factory programming option
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
set
TX is high for
TSTNDY_triggerr
1
Temporary
Shutdown
X-RS
X-H
2
X
H
3
H
X
X
inactive
set
The Control Bit is set
through the 2-Wire SP
interface
Over-
Temperature
X-RS
X-H
2
XX
L
X
X
set
set
Stand-By
Mode
Normal (LW)
X
H-X
2
X
L-H
3
L
X
X
inactive
inactive
Normal (RW)
X
H-X
2
H
X
L
set
X
inactive
inactive
Remote Wake up
Event occurred on LIN
Temporary
Shutdown
RS
H
2
HL
H
3
XX
inactive
set
The Control Bit is set
through the 2-Wire SP
interface
Over-
Temperature
RS
H
2
HL
L
X
X
set
set
Temporary
Shutdown
Mode
Normal
RS-X
H-X
2
X
X
L
X
X
inactive
clear
Internal 128ms timer
expired
Sleep Mode
3
Normal
RS-X
H-X
2
X
X
L
set
X
inactive
clear
Remote Wake up
Event occurred on LIN
Over-
Temperature
RS
H
2
2. Effect of Transition
X
X
L
X
X
set
hold
Temperature monitor
output asserted
(covered by scan)
All States
Power Off
XXXX
X
X
L-H
3
3. Cause for Transition
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com