Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOM Datasheet(PDF) 24 Page - ams AG

Part # AS8530-ASOM
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOM Datasheet(HTML) 24 Page - ams AG

Back Button AS8530-ASOM Datasheet HTML 20Page - ams AG AS8530-ASOM Datasheet HTML 21Page - ams AG AS8530-ASOM Datasheet HTML 22Page - ams AG AS8530-ASOM Datasheet HTML 23Page - ams AG AS8530-ASOM Datasheet HTML 24Page - ams AG AS8530-ASOM Datasheet HTML 25Page - ams AG AS8530-ASOM Datasheet HTML 26Page - ams AG AS8530-ASOM Datasheet HTML 27Page - ams AG AS8530-ASOM Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
23 - 32
AS8530
Datasheet - Application In form atio n
8.7 Serial Port Interface
The interface is essentially used to trigger the window watchdog, to access test mode and read out diagnostic information for the AS8530. The
description of this interface and the protocol is explained below. Information on block status and errors can be displayed by diagnosis registers.
8.7.1 Device Configuration using 2-Wire Serial Port
The AS8530 device configuration register is programmed via a 2-wire Serial Programming Interface. EN/SCL is used as Serial Clock and TX/
SDA_IO is used as Serial Data. EN is used as clock input to access serial port registers in serial port mode. Also EN is used to control transition
from normal mode to standby/sleep mode. The TX input of the device will be multiplexed as following:

LIN TX for transmitting data from microcontroller on LIN bus

SDA_IO for Serial data input/output, this will be used for serially accessing data from configuration and status register
SP Frame. A frame is formed by first byte for command and address/configuration and following bit stream that can be formed by an integer
number of bytes. Command is coded RD/WR on the first bits, length of the transfer is indicated by LEN1, LEN2 bits while address is given on
LSB 5 bits.
Write Command. For Write command RD/WR = 0
After the command code, length of the transfer is send in next two bits, the address of register to be written has to be provided from the MSB to
the LSB. Then one, two, four, or eight data bytes can be transferred from the MSB to the LSB. For each data byte following the first one, used
address is the incremented value of the previously written address. Each bit of the frame has to be driven by the 2-Wire SP master on the SP
clock (EN pin) positive edge and the 2-Wire SP slave (device) samples this bit on the next SP clock (EN pin) negative edge. In the following
figures two examples of write command (without and with address self-increment).
Figure 14. Protocol for Serial Data Write with Length = 1
Table 6. Command Bits
Command Bits
Register Address or Transmission Configuration
RD/WR
LEN1
LEN2
A4
A3
A2
A1
A0
RD/WR
Command
<A4:A0>
Description
0
WRITE
ADDRESS
Writes data byte on the given starting address.
1
READ
ADDRESS
Read data byte from the given starting address.
Table 7. Transfer Length
LEN1
LEN2
Length
Description
001
Transfer consists of single Data phase. After completion of single Data phase device comes out of Serial
port interface.
012
Transfer consist of two Data phase.
104
Transfer consist of four Data phase.
118
Transfer consist of eight Data phase.
EN
TX
0
LEN1 LEN0
A4
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D7
D6
Transfer edge
Sampling edge
Data D7 – D0 is moved
to Address A4..A0 here
LEN1 = 0 LEN0 = 0
Command & Address Phase
Data Phase
Length of Transaction = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com