Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOM Datasheet(PDF) 22 Page - ams AG

Part # AS8530-ASOM
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOM Datasheet(HTML) 22 Page - ams AG

Back Button AS8530-ASOM Datasheet HTML 18Page - ams AG AS8530-ASOM Datasheet HTML 19Page - ams AG AS8530-ASOM Datasheet HTML 20Page - ams AG AS8530-ASOM Datasheet HTML 21Page - ams AG AS8530-ASOM Datasheet HTML 22Page - ams AG AS8530-ASOM Datasheet HTML 23Page - ams AG AS8530-ASOM Datasheet HTML 24Page - ams AG AS8530-ASOM Datasheet HTML 25Page - ams AG AS8530-ASOM Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
21 - 32
AS8530
Datasheet - Application In form atio n
Output RX.
The received BUS signal will be output to the RX pin:
BUS < Vthr_cnt – 0.5 * Vthr_hys
→ RX = low
BUS > Vthr_cnt + 0.5 * Vthr_hys
→ RX = high
This output is a push-pull driver between VCC and GND with an output current of 1mA.
Figure 10. RX Output Circuitry
8.6 MODE Input EN
The AS8530 is switched from normal mode to the standby/sleep mode with a falling edge on EN and keeping TX high for TSTNDY_trigger time.
Device is switched from standby mode to normal mode with a rising edge at the EN pin. The mode change for AS8530 with a falling edge at EN
can be done independently from the state of the bus transceiver. Device enters into Serial port mode by forcing EN low and driving TX high to low
within Ttx_SP_trigger time after EN forced to low.
This ensures the direct control of device to enter into Standby/Sleep mode by microcontroller using EN pin.
Figure 11. EN Pin Functionality
The EN input has an internal active pull down to secure that if this pin is not connected, a low level will be generated.
MCU
AS8530
VCC
RX
EN
TX
RD
WR
LEN
1
LEN
0
A4
D3 D2
D1 D0
Normal
Mode
Normal Mode
Serial Port Mode
Normal Mode
Standby/Sleep
Mode
Entry into Serial
Port Mode
Ttx_su
Ttx_hd
Ttx_su
Ttx_SP_trigger
TSTNDY_trigger
Ten_ENSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com