Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530-ASOM Datasheet(PDF) 30 Page - ams AG

Part # AS8530-ASOM
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOM Datasheet(HTML) 30 Page - ams AG

Back Button AS8530-ASOM Datasheet HTML 25Page - ams AG AS8530-ASOM Datasheet HTML 26Page - ams AG AS8530-ASOM Datasheet HTML 27Page - ams AG AS8530-ASOM Datasheet HTML 28Page - ams AG AS8530-ASOM Datasheet HTML 29Page - ams AG AS8530-ASOM Datasheet HTML 30Page - ams AG AS8530-ASOM Datasheet HTML 31Page - ams AG AS8530-ASOM Datasheet HTML 32Page - ams AG AS8530-ASOM Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
29 - 32
AS8530
Datasheet - Pack a ge Drawin gs and Ma r k ings
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M -1994.
2. All dimensions are in miilimeters. Angles are in degrees.
3. Datums A and B to be determined at datum H.
4. Extrusion of exposed area in bottom side is 0.20mm typical.
Marking: YYWWIZZ.
YY
WW
I
ZZ
Last two digits of the
manufacturing year
Manufacturing Week
Plant Identifier
Traceability Code
Symbol
Min
Nom
Max
A-
-
1.70
A1
0.00
-
0.15
A2
1.25
-
-
b0.31
-
0.51
c0.17
-
0.25
D
-
4.90 BSC
-
D1
2.24
3.10
3.20
E
-
6.00 BSC
-
E1
-
3.90 BSC
-
E2
1.55
2.41
2.51
e
-
1.27 BSC
-
L
0.41
0.64
0.89
Symbol
Min
Nom
Max
L1
-
1.04 REF
-
L2
-
0.25 BSC
-
h0.25
-
0.50
θ
0º
-
8º
aaa
-
0.10
-
bbb
-
0.20
-
ccc
-
0.10
-
ddd
-
0.25
-
eee
-
0.10
-
fff
-
0.15
-
N8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com