Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2583 Datasheet(PDF) 13 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 13 Page - ams AG

Back Button TSL2583 Datasheet HTML 9Page - ams AG TSL2583 Datasheet HTML 10Page - ams AG TSL2583 Datasheet HTML 11Page - ams AG TSL2583 Datasheet HTML 12Page - ams AG TSL2583 Datasheet HTML 13Page - ams AG TSL2583 Datasheet HTML 14Page - ams AG TSL2583 Datasheet HTML 15Page - ams AG TSL2583 Datasheet HTML 16Page - ams AG TSL2583 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
12
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Interrupt Register (02h)
The INTERRUPT register controls the extensive interrupt capabilities of the device. The open-drain interrupt
pin is active low and requires a pull-up resistor to VBUS in order to pull high in the inactive state. The Interrupt
Register provides control over when a meaningful interrupt will occur. The concept of meaningful change can
be defined by the user both in terms of light intensity and time, or persistence of that change in intensity. The
value must cross the threshold (as configured in the Threshold Registers 03h through 06h) and persist for some
period of time, as outlined in Table 8.
When a level Interrupt is selected, an interrupt is generated whenever the last conversion results in a value
outside of the programmed threshold window. The interrupt is active-low and remains asserted until cleared by
writing an 11 in the TRANSACTION field in the COMMAND register.
Note:
Interrupts are based on the value of Channel 0 only.
Table 6. Interrupt Control Register
6
75
4
2
31
0
INTR_STOP
Resv
Resv
PERSIST
Address
02h
Reset
00h
Bit :
INTR
FIELD
BITS
DESCRIPTION
Resv
7
Reserved. Write as 0.
INTR_STOP
6
Stop ADC integration on interrupt. When high, ADC integration will stop once an interrupt is asserted. To
resume operation (1) de-assert ADC_EN using CONTROL register, (2) clear interrupt using COMMAND
register, and (3) re-assert ADC_EN using CONTROL register. Note: Use this bit to isolate a particular
condition when the sensor is continuously integrating.
Resv
5
Reserved. Write as 0.
INTR
4
INTR Control Select. This field determines mode of interrupt logic according to Table 7, below.
PERSIST
3:0
Interrupt persistence. Controls rate of interrupts to the host processor as shown in Table 8, below.
Table 7. Interrupt Control Select
INTR FIELD VALUE
READ VALUE
0
Interrupt output disabled
1
Level Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com