Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2583 Datasheet(PDF) 2 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 2 Page - ams AG

  TSL2583 Datasheet HTML 1Page - ams AG TSL2583 Datasheet HTML 2Page - ams AG TSL2583 Datasheet HTML 3Page - ams AG TSL2583 Datasheet HTML 4Page - ams AG TSL2583 Datasheet HTML 5Page - ams AG TSL2583 Datasheet HTML 6Page - ams AG TSL2583 Datasheet HTML 7Page - ams AG TSL2583 Datasheet HTML 8Page - ams AG TSL2583 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D 30y More Sensitive Than the TSL2560/61
Device
D Approximates Human Eye Response
D Programmable ALS Interrupt Function with
User-Defined Upper and Lower Threshold
Settings
D 16-Bit Digital Output with I2C Fast-Mode at
400 kHz
D Programmable Analog Gain and Integration
Time Supporting 1,000,000-to-1 Dynamic
Range
D Available in Ultra-Small 1.25 mm y 1.75 mm
Chipscale Package and Small 2 mm
y 2 mm
Flat No-Lead Package
D Automatically Rejects 50/60-Hz Lighting
Ripple
D Low Quiescent Current 3 mA in Power
Down Mode
D RoHS Compliant
Applications
D Ambient Light Sensor (ALS) for Display
Brightness Control
End Products and Market Segments
D HDTVs
D Laptops and Tablets
D Mobile Handsets
D Monitors
Description
The TSL2581 and TSL2583 are very-high sensitivity light-to-digital converters that transform light intensity to
a digital signal output capable of direct I2C interface. Each device combines one broadband photodiode (visible
plus infrared) and one infrared-responding photodiode on a single CMOS integrated circuit capable of providing
a near-photopic response over an effective 16-bit dynamic range (16-bit resolution). Two integrating ADCs
convert the photodiode currents to a digital output that represents the irradiance measured on each channel.
This digital output can be input to a microprocessor where illuminance (ambient light level) in lux is derived using
an empirical formula to approximate the human eye response. The TSL2581 device supports a traditional level
style interrupt that remains asserted until the firmware clears it.
While useful for general purpose light sensing applications, the TSL2581/83 devices are designed particularly
for displays (LCD, OLED, etc.) with the purpose of extending battery life and providing optimum viewing in
diverse lighting conditions. Display panel backlighting, which can account for up to 50 to 60 percent of total
platform power, can be automatically managed. Both devices are also ideal for controlling keyboard illumination
based upon ambient lighting conditions. Illuminance information can further be used to manage exposure
control in digital cameras. The TSL2581/83 devices are ideal in notebook/tablet PCs, LCD monitors, flat-panel
televisions, cell phones, and digital cameras. In addition, other applications include street light control, security
lighting, sunlight harvesting, machine vision, and automotive instrumentation clusters.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE CS
6-LEAD CHIPSCALE
(TOP VIEW)
VDD 1
ADDR SEL 2
GND 3
6 SDA
5 INT
4 SCL
Package Drawings are Not to Scale
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
6 SDA
5 INT
4 SCL
VDD 1
ADDR SEL 2
GND 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com