Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2583 Datasheet(PDF) 21 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 21 Page - ams AG

Back Button TSL2583 Datasheet HTML 17Page - ams AG TSL2583 Datasheet HTML 18Page - ams AG TSL2583 Datasheet HTML 19Page - ams AG TSL2583 Datasheet HTML 20Page - ams AG TSL2583 Datasheet HTML 21Page - ams AG TSL2583 Datasheet HTML 22Page - ams AG TSL2583 Datasheet HTML 23Page - ams AG TSL2583 Datasheet HTML 24Page - ams AG TSL2583 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
20
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: SOFTWARE
Calculating Lux
The TSL258x is intended for use in ambient light detection applications such as display backlight control, where
adjustments are made to display brightness or contrast based on the brightness of the ambient light, as
perceived by the human eye. Conventional silicon detectors respond strongly to infrared light, which the human
eye does not see. This can lead to significant error when the infrared content of the ambient light is high, such
as with incandescent lighting, due to the difference between the silicon detector response and the brightness
perceived by the human eye.
This problem is overcome in the TSL258x through the use of two photodiodes. One of the photodiodes
(channel 0) is sensitive to both visible and infrared light, while the second photodiode (channel 1) is sensitive
primarily to infrared light. An integrating ADC converts the photodiode currents to digital outputs. Channel 1
digital output is used to compensate for the effect of the infrared component of light on the channel 0 digital
output. The ADC digital outputs from the two channels are used in a formula to obtain a value that approximates
the human eye response in the commonly used Illuminance unit of Lux:
Chipscale Package
For CH1/CH0 = 0.00 to 0.25
Lux = 0.105
 CH0 − 0.208  CH1
For CH1/CH0 = 0.25 to 0.38
Lux = 0.1088
 CH0 − 0.2231  CH1
For CH1/CH0 = 0.38 to 0.45
Lux = 0.0729
 CH0 − 0.1286  CH1
For CH1/CH0 = 0.45 to 0.60
Lux = 0.060
 CH0 − 0.10  CH1
For CH1/CH0 > 0.60
Lux/CH0 = 0
FN Package
For CH1/CH0 = 0.00 to 0.30
Lux = 0.130
 CH0 − 0.240  CH1
For CH1/CH0 = 0.30 to 0.38
Lux = 0.1649
 CH0 − 0.3562  CH1
For CH1/CH0 = 0.38 to 0.45
Lux = 0.0974
 CH0 − 0.1786  CH1
For CH1/CH0 = 0.45 to 0.54
Lux = 0.062
 CH0 − 0.100  CH1
For CH1/CH0 > 0.54
Lux/CH0 = 0
The formulas shown above were obtained by optical testing with fluorescent and incandescent light sources,
and apply only to open-air applications. Optical apertures (e.g. light pipes) will affect the incident light on the
device.
Simplified Lux Calculation
Below is the argument and return value including source code (shown on following page) for calculating lux with
the TSL2583FN. The source code is intended for embedded and/or microcontroller applications. All floating
point arithmetic operations have been eliminated since embedded controllers and microcontrollers generally
do not support these types of operations. Because floating point has been removed, scaling must be performed
prior to calculating illuminance if the integration time is not 400 msec and/or if the gain is not 1
× as denoted in
the source code on the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com