Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2583 Datasheet(PDF) 23 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 23 Page - ams AG

Back Button TSL2583 Datasheet HTML 19Page - ams AG TSL2583 Datasheet HTML 20Page - ams AG TSL2583 Datasheet HTML 21Page - ams AG TSL2583 Datasheet HTML 22Page - ams AG TSL2583 Datasheet HTML 23Page - ams AG TSL2583 Datasheet HTML 24Page - ams AG TSL2583 Datasheet HTML 25Page - ams AG TSL2583 Datasheet HTML 26Page - ams AG TSL2583 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
22
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
// lux equation approximation without floating point calculations
//////////////////////////////////////////////////////////////////////////////
// Routine: unsigned int CalculateLux(unsigned int ch0, unsigned int ch0, int iType)
//
// Description: Calculate the approximate illuminance (lux) given the raw
//
channel values of the TSL2583. The equation if implemented
//
as a piece−wise linear approximation.
//
// Arguments: unsigned int iGain − gain, where 0:1X, 1:8X, 2:16X, 3:128X
//
unsigned int tIntCycles − INTEG_CYCLES defined in Timing Register
//
unsigned int ch0 − raw channel value from channel 0 of TSL2583
//
unsigned int ch1 − raw channel value from channel 1 of TSL2583
//
unsigned int iType − package type (1:CS)
//
// Return:
unsigned int − the approximate illuminance (lux)
//
//////////////////////////////////////////////////////////////////////////////
unsigned int CalculateLux(unsigned int iGain, unsigned int tIntCycles, unsigned int ch0,
unsigned int ch1, int iType)
{
//−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
// first, scale the channel values depending on the gain and integration time
// 1X, 400ms is nominal setting
unsigned long chScale0;
unsigned long chScale1;
unsigned long channel1;
unsigned long channel0;
// No scaling if nominal integration (148 cycles or 400 ms) is used
if (tIntCycles == NOM_INTEG_CYCLE)
chScale0 = (1 << CH_SCALE);
else
chScale0 = (NOM_INTEG_CYCLE << CH_SCALE) / tIntCycles;
switch (iGain)
{
case 0: // 1x gain
chScale1 = chScale0;
// No scale.
Nominal setting
break;
case 1: // 8x gain
chScale0 = chScale0 >> 3;
// Scale/multiply value by 1/8
chScale1 = chScale0;
break;
case 2: // 16x gain
chScale0 = chScale0 >> 4;
// Scale/multiply value by 1/16
chScale1 = chScale0;
break;
case 3: // 128x gain
chScale1 = chScale0 / CH1GAIN128X; //Ch1 gain correction factor applied
chScale0 = chScale0 / CH0GAIN128X; //Ch0 gain correction factor applied
break;
}
// scale the channel values
channel0 = (ch0 * chScale0) >> CH_SCALE;
channel1 = (ch1 * chScale1) >> CH_SCALE;
//−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
// find the ratio of the channel values (Channel1/Channel0)
// protect against divide by zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com