Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 13 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 13 Page - ams AG

Back Button TSL2671 Datasheet HTML 9Page - ams AG TSL2671 Datasheet HTML 10Page - ams AG TSL2671 Datasheet HTML 11Page - ams AG TSL2671 Datasheet HTML 12Page - ams AG TSL2671 Datasheet HTML 13Page - ams AG TSL2671 Datasheet HTML 14Page - ams AG TSL2671 Datasheet HTML 15Page - ams AG TSL2671 Datasheet HTML 16Page - ams AG TSL2671 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
12
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Power Management
Power consumption can be controlled through the use of the wait state timing because the wait state consumes
only 65
μA of power. Figure 14 shows an example of using the power management feature to achieve an
average power consumption of 138
μA current with four 100-mA pulses of proximity detection.
4 IR LED Pulses
65
ms (29 ms LED On Time)
2.72 ms
43.52 ms
5.44 ms
Prox ADC
Prox Accum
Wait
Wait
Delay
Average Current = ((0.029
y 100) + (2.72 y 0.175) + (43.52 y 0.065) + (5.44 y 0.175)) / 52 = 138 mA
State
Duration (ms)
Current (mA)
Prox Accum
0.065 (Note 1)
LED On
0.029 (Note 2)
100.0
Prox ADC
2.72
0.175
Wait
43.52
0.065
Wait Delay
5.44
0.175
Example: ~49 ms Cycle TIme
Note 1: Prox Accum = 16.3
ms per pulse
y 4 pulses = 65 ms = 0.065 ms
Note 2: LED On = 7.2
ms per pulse
y 4 pulses = 29 ms = 0.029 ms
Figure 12. Power Consumption Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com