Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 2 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 2 Page - ams AG

  TSL2671 Datasheet HTML 1Page - ams AG TSL2671 Datasheet HTML 2Page - ams AG TSL2671 Datasheet HTML 3Page - ams AG TSL2671 Datasheet HTML 4Page - ams AG TSL2671 Datasheet HTML 5Page - ams AG TSL2671 Datasheet HTML 6Page - ams AG TSL2671 Datasheet HTML 7Page - ams AG TSL2671 Datasheet HTML 8Page - ams AG TSL2671 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Features
D Proximity Detection with an Integrated LED
Driver in a Single Device
D Proximity Detection
− Programmable Number of IR Pulses
− Programmable Current Sink for the IR
LED — No Limiting Resistor Needed
− Programmable Interrupt Function with
Upper and Lower Threshold
− Covers a 2000:1 Dynamic Range
D Programmable Wait Timer
− Programmable from 2.72 ms
to > 8 Seconds
− Wait State — 65
mA Typical Current
D I2C Interface Compatible
− Up to 400 kHz (I2C Fast Mode)
− Dedicated Interrupt Pin
D Small 2 mm y 2 mm ODFN Package
D Sleep Mode — 2.5 mA Typical Current
Applications
D Cell Phone Touch Screen Disable
D Notebook/Monitor Security
D Automatic Speakerphone Enable
D Automatic Menu Popup
Description
The TSL2671 family of devices provides a complete proximity detection system and digital interface logic in a
single 6-pin package. The device includes a digital proximity sensor with integrated LED driver for the required
external IR LED. The proximity function offers a wide range of performance, with four programmable LED drive
currents and a pulse repetition range of 1 to 32 pulses. The proximity detection circuitry compensates for
ambient light, allowing it to operate in environments ranging from bright sunlight to dark rooms. This wide
dynamic range also allows operation in short-distance detection applications behind dark glass, such as cell
phones. An internal state machine provides the ability to put the device into a low-power mode for very low
average power consumption.
The proximity function specifically targets near-field proximity applications. In cell phones, for example, the
proximity detection function can detect when the user positions the phone close to their ear. The device is fast
enough to provide proximity information at the high repetition rate needed when answering a phone call. This
provides both improved green power saving capability and the added security to lock the screen when the user
may accidently deploy a touch.
Communication with the device is accomplished through a simple two-wire I2C interface with data rates up to
400 kHz. An interrupt output pin is provided for connection to the host processor. This interrupt pin can be used
to eliminate the need to poll the device on a repetitive basis. There is also a digital filter that compares the
proximity ADC results to programmed values so that an interrupt is generated only upon a proximity event.
The TSL2671 is supplied in a very small form factor 2-mm
× 2-mm, 6-pin optical package, requiring very little
PCB area. Also, the package height is only 0.65 mm high, which makes the TSL2671 suitable for very thin
mechanical applications.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 LDR
Package Image Not Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com