Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 21 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 21 Page - ams AG

Back Button TSL2671 Datasheet HTML 17Page - ams AG TSL2671 Datasheet HTML 18Page - ams AG TSL2671 Datasheet HTML 19Page - ams AG TSL2671 Datasheet HTML 20Page - ams AG TSL2671 Datasheet HTML 21Page - ams AG TSL2671 Datasheet HTML 22Page - ams AG TSL2671 Datasheet HTML 23Page - ams AG TSL2671 Datasheet HTML 24Page - ams AG TSL2671 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
20
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: HARDWARE
LED Driver Pin with Proximity Detection
The application hardware circuit with proximity detection requires an LED connected as shown in Figure 14.
Vbat may be an independent power source. The 1-μF decoupling capacitors should be of the low-ESR type and
be placed as close as possible to the load and VDD to reduce noise. To maximize system performance, the use
of PCB power and ground planes are recommended. If mounted on a flexible circuit, the power and ground
traces back to the PCB should be sufficiently wide enough to have a low resistance, such as < 1
Ω.
The I2C bus protocol was developed by Philips (now NXP). The pull-up resistor value (RP) is a function of the
I2C bus speed, the supply voltage, and the capacitive bus loading. Users should consult the NXP I2C design
specification (http://www.i2c−bus.org/references/) for assistance. With a lightly loaded bus running at 400 kbps
and VDD = 3 V, 1.5-kΩ resistors have been found to be viable.
TSL2671
VBUS
VDD(digital)
1
mF
RP
RP
SCL
SDA
RPI
INT
LDR
LED
1
mF
VDD(analog)
Figure 14. Application Hardware Circuit for Proximity Sensing with Internal LED Driver
The power supply connection — PCB routing and supply decoupling — has a significant effect on proximity
performance. Contact TAOS or see the application notes available at www.TAOSinc.com for power supply
guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com