Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 3 Page - ams AG

Part # TSL2671
Description  DIGITAL PROXIMITY DETECTOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2671 Datasheet(HTML) 3 Page - ams AG

  TSL2671 Datasheet HTML 1Page - ams AG TSL2671 Datasheet HTML 2Page - ams AG TSL2671 Datasheet HTML 3Page - ams AG TSL2671 Datasheet HTML 4Page - ams AG TSL2671 Datasheet HTML 5Page - ams AG TSL2671 Datasheet HTML 6Page - ams AG TSL2671 Datasheet HTML 7Page - ams AG TSL2671 Datasheet HTML 8Page - ams AG TSL2671 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TSL2671
DIGITAL PROXIMITY DETECTOR
TAOS118 − JANUARY 2011
2
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
SDA
VDD
INT
SCL
LDR
Wait Control
Prox
ADC
Prox Control
Prox
Data
IR LED Constant
Current Sink
Prox
Integration
Upper Limit
Lower Limit
Interrupt
GND
CH0
CH1
Detailed Description
The TSL2671 light-to-digital device provides on-chip photodiodes, integrating amplifiers, ADCs, accumulators,
clocks, buffers, comparators, a state machine, and an I2C interface. Each device combines a Channel 0
photodiode (CH0), which is responsive to both visible and infrared light, and a channel 1 photodiode (CH1),
which is responsive primarily to infrared light. Proximity detection can occur using either or both photodiodes.
Two integrating ADCs simultaneously convert the amplified photodiode currents into a digital value providing
up to 16 bits of resolution. Upon completion of the conversion cycle, the conversion result is transferred to the
data registers.
Proximity detection requires only a single external IR LED. An internal LED driver can be configured to provide
a constant current sink of 12.5 mA, 25 mA, 50 mA, or 100 mA of current. No external current limiting resistor
is required. The number of proximity LED pulses can be programmed from 1 to 255 pulses. Each pulse has a
16-
μs period. This LED current, coupled with the programmable number of pulses, provides a 2000:1
contiguous dynamic range.
Communication to the device is accomplished through a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller. The digital output of the device is inherently more
immune to noise when compared to an analog interface.
The device provides a separate pin for level-style interrupts. When interrupts are enabled and a pre-set value
is exceeded, the interrupt pin is asserted and remains asserted until cleared by the controlling firmware. The
interrupt feature simplifies and improves system efficiency by eliminating the need to poll a sensor for a proximity
value. An interrupt is generated when the value of a proximity conversion exceeds either an upper or lower
threshold. In addition, a programmable interrupt persistence feature allows the user to determine how many
consecutive exceeded thresholds are necessary to trigger an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com