Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL3301 Datasheet(PDF) 7 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 7 Page - ams AG

Back Button TSL3301 Datasheet HTML 3Page - ams AG TSL3301 Datasheet HTML 4Page - ams AG TSL3301 Datasheet HTML 5Page - ams AG TSL3301 Datasheet HTML 6Page - ams AG TSL3301 Datasheet HTML 7Page - ams AG TSL3301 Datasheet HTML 8Page - ams AG TSL3301 Datasheet HTML 9Page - ams AG TSL3301 Datasheet HTML 10Page - ams AG TSL3301 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
6
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PROGRAMMING INFORMATION
A minimum of 5 clock cycles after the stop bit is required after any command to ensure that the internal logic
actions have been completed.
Reset Commands
Reset commands are used to put the TSL3301CL into a known state.
IRESET — Interface Initialization
Encoding: Break Character (10 or more consecutive start bits, or zeros)
The commands vary in length from one to three bytes. IRESET initializes the internal state machine that keeps
track of which command bytes have been received. This command should be first and given only once after
power-up to synchronize the TSL3301CL internal command interpreter.
An alternative is to issue three successive RESET commands.
RESET — Main Reset
Encoding: 0x1b: <0001_1011>
RESET resets most of the internal control logic of the TSL3301CL and any READPixel command currently in
progress is aborted. RESET puts the pixel integrators into the auto-zero/reset state. Any values that were being
held in the array’s sample/hold circuits are lost.
NOTE:
The value on the SDOUT pin is not guaranteed from the time power is applied until 30 clocks after
the first RESET command is issued.
Pixel Action Commands
Pixel action commands allow the user to control pixel integration and reading of pixel data.
STARTInt — Start Integration
Encoding: 0x08: <0000_1000>
STARTInt causes each pixel to leave the reset state and to start integrating light. The actual execution
of STARTInt is delayed 22 clock cycles until the pixel reset cycle has been completed. (See imaging below.)
SAMPLEInt — Stop Integration
Encoding: 0x10: <0001_0000>
SAMPLEInt causes each pixel to store its integrator’s contents into a sample and hold circuit. Also, the Integrator
is returned to the reset state.
READPixel — Read Pixel Data
Encoding: 0x02: <0000_0010>
READPixel causes the sampled value of each pixel to be converted to an 8-bit digital value that is clocked out
on the SDOUT pin. The LSB is the first data bit, which is preceded by a START bit (logic 0) and followed by a
STOP bit (logic 1). Each pixel in the device is presented on SDOUT starting from pixel 00 and completes with
pixel 101. There is a 44-clock cycle delay from the completion of the READPixel command until the first pixel
data is output.
Gain and offset registers are used to adjust the ADC converter to maximize dynamic range and should be
programmed prior to invoking the READPixel command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com