Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL3301 Datasheet(PDF) 4 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 4 Page - ams AG

  TSL3301 Datasheet HTML 1Page - ams AG TSL3301 Datasheet HTML 2Page - ams AG TSL3301 Datasheet HTML 3Page - ams AG TSL3301 Datasheet HTML 4Page - ams AG TSL3301 Datasheet HTML 5Page - ams AG TSL3301 Datasheet HTML 6Page - ams AG TSL3301 Datasheet HTML 7Page - ams AG TSL3301 Datasheet HTML 8Page - ams AG TSL3301 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Table 1. Gain Settings and Results
GAIN CODE
RELATIVE GAIN
% INCREASE
GAIN CODE
RELATIVE GAIN
% INCREASE
0
1
16
1.52
3.23
1
1.02
2.17
17
1.57
3.33
2
1.05
2.22
18
1.62
3.45
3
1.07
2.27
19
1.68
3.57
4
1.09
2.33
20
1.74
3.70
5
1.12
2.38
21
1.81
3.85
6
1.15
2.44
22
1.88
4.00
7
1.18
2.50
23
1.96
4.17
8
1.21
2.56
24
2.05
4.35
9
1.24
2.63
25
2.14
4.55
10
1.27
2.70
26
2.24
4.76
11
1.31
2.78
27
2.35
5.00
12
1.34
2.86
28
2.48
5.26
13
1.38
2.94
29
2.61
5.56
14
1.43
3.03
30
2.77
5.88
15
1.47
3.13
31
2.94
6.25
Serial Interface
The serial interface follows a USART format, with start bit, 8 data bits, and one or more stop bits. Data is clocked
in synchronously on the rising edge of SCLK and clocked out on the falling edge of SCLK. Stop bits are not
required on the input. When clocking data out continuously (i.e., reading out pixels) there will be one stop bit
between data words.
The receive and transmit state machines are independent, which means commands can be issued while
reading data. This feature allows starting new integration cycles while reading data. Note that this allows
undefined conditions so care must be taken not to issue commands that will cause outputs (such as register
read) while reading out data. For instance, issuing a register read command while reading out image data will
result in garbage out. Likewise, it is possible to change offset and gain registers during a readout, which can
give unpredictable results.
It is not necessary to have a continuously active clock, but a minimum of 5 clocks after the stop bit is required
after any command has been issued to ensure that the corresponding internal logic actions have been
completed. When reading register contents, there will be a 4-clock delay from the completion of the REGRead
command before the register contents are output (see Figure 5). When reading out pixel values, there will be
a 44-clock delay from completion of the READPixel command until the first pixel data is output. When starting
integration (STARTInt), it is necessary to have 22 clocks to complete the pixel reset cycle (see Imaging below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com