Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL3301 Datasheet(PDF) 6 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 6 Page - ams AG

Back Button TSL3301 Datasheet HTML 2Page - ams AG TSL3301 Datasheet HTML 3Page - ams AG TSL3301 Datasheet HTML 4Page - ams AG TSL3301 Datasheet HTML 5Page - ams AG TSL3301 Datasheet HTML 6Page - ams AG TSL3301 Datasheet HTML 7Page - ams AG TSL3301 Datasheet HTML 8Page - ams AG TSL3301 Datasheet HTML 9Page - ams AG TSL3301 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Command Description
The TSL3301CL is a slave device that reacts strictly to commands received from the digital controller. These
commands cause the device to perform functions such as reset, integrate, sample, etc. Table 3 summarizes
the command types and formats and Table 4 lists the command set for the TSL3301CL. Each command is
described in more detail below.
Table 3. Command Type and Format Summary
COMMAND TYPE
FORMAT
Action command
< Command byte >
Register write
< Command byte > < Data byte >
Table 4. TSL3301CL Command Set
COMMAND
HEX CODE
DESCRIPTION
IRESET
SDIN held low for 30
clocks
Interface Reset
RESET
0x1B
Reset Integration and read blocks
STARTInt
0x08
Start pixel integration
SAMPLEInt
0x10
Stop light integration and sample results
READPixel
0x02
Dump serial the contents of each sampled integrator
ABORTPixel
0x19
Abort any READPixel operation in progress
READHold
0x12
Combination of SAMPLEInt and READPixel commands
READHoldNStart
0x16
Combination of SAMPLEInt, READPixel and STARTInt commands
REGWrite
0x40 + address
Write a gain, offset, or mode register
REGRead
0x60 + address
Read a gain, offset, or mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com