Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL3301 Datasheet(PDF) 2 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 2 Page - ams AG

  TSL3301 Datasheet HTML 1Page - ams AG TSL3301 Datasheet HTML 2Page - ams AG TSL3301 Datasheet HTML 3Page - ams AG TSL3301 Datasheet HTML 4Page - ams AG TSL3301 Datasheet HTML 5Page - ams AG TSL3301 Datasheet HTML 6Page - ams AG TSL3301 Datasheet HTML 7Page - ams AG TSL3301 Datasheet HTML 8Page - ams AG TSL3301 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
D 102 × 1 Sensor Element Organization
D 300 Dots-per-Inch Pixel Pitch
D High Sensitivity
D On-Chip 8-Bit Analog-to-Digital Conversion
D Three-Zone Programmable Offset (Dark Level) and Gain
D High Speed Serial Interface
D 1 MHz Pixel Rate
D Single 3-V to 5.5-V Supply
D Replacement for TSL3301
D RoHS Compliant
Description
The TSL3301CL is a high-sensitivity 300-dpi, linear optical sensor array with integrated 8-bit analog-to-digital
converters. The array consists of 102 pixels: 100 inner pixels and 2 end pixels. The inner pixels measure 85
μm
(H) by 77
μm (W) on 85-μm centers and the end pixels are 132 μm (H) by 49 μm (W). Associated with each pixel
is a charge integrator/amplifier and sample-hold circuit. All pixels have concurrent integration periods and
sampling times. The array is split into three 34-pixel zones, with each zone having programmable gain and offset
levels. Data communication is accomplished through a three-wire serial interface.
Intended for use in high performance, cost-sensitive scanner applications, the TSL3301CL is based on a linear
sensor array die that has expanded capability, including multi-die addressing and cascade options. Please
contact TAOS for additional information on die and multi-die package availability.
Functional Block Diagram
PIXEL ARRAY WITH INTEGRATORS AND S−H
(51-bit shift register)
SCLK
SDIN
SDOUT
DIGITAL I/O
AND
CONTROL
DB<7:0>
ADDR<4:0>
READ
WRITE
OUTPUT CHARGE-TO-
VOLTAGE CONVERTER
WITH PROGRAMMABLE
GAINS AND OFFSETS
SECTOR
VREF
IREF
RESET/SAMPLE
START
ADCLK
DUAL 8−BIT
SA ADC
VREF
IREF
BIAS
BLOCK
PIXCLK
SI
HOLD
ZERO
LEFT EVEN
RIGHT ODD
RIGHT EVEN
IREF
8
5
3
LEFT ODD
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
NC − No internal connection
8 NC
7 GND
6 GND
5 NC
CL PACKAGE
(TOP VIEW)
SCLK 1
VDD 2
SDIN 3
SDOUT 4
Package Drawing is Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com