Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
42
J
ENCLOSURES (METALLIC)
A
22N-MENC-j
0.25
TYP
0.88
0.88
1.38
E
LZ
B
W
G
D
F
0.25
TYP
0.25 Dia
4 Places Typ.
C
A
0.56
0.69
0.13
0.48
0.88
Dia.
0.88
0.88
0.38
0.25
Side View
Body Type MENC-1 MENC-2,
MENC-3 and MENC-4 (not hinged)
Typical Pushbutton Detail
Hinge Detail
Retractable pin allows door to
be mounted on left or right side
0.25 Dia
4 Places Typ.
1.88 TYP
(0.07)
1.50 TYP
(0.06)
Body Type MENC-6 through
MENC-16 (hinged)
Part No.
No. of
Holes
Ship
Wt. lbs.
Z
W
L
G
F
E
D
C
B
A
Overall Dimensions
A
22N-MENC-1
1
3.25
2.75
3.50
1.88
3.75
1.71
2.50
4.25
3.06
3.56
2
A
22N-MENC-2
2
5.13
2.75
3.50
1.88
5.63
1.71
4.38
6.13
3.06
5.44
3
A
22N-MENC-3
3
7.00
2.75
3.50
1.88
7.50
1.71
6.25
8.00
3.06
7.31
3
A
22N-MENC-4
4
8.88
2.75
3.50
1.88
9.38
1.71
8.13
9.88
3.06
9.19
4
A
22N-MENC-6
6
8.50
5.00
4.25
4.13
9.00
3.96
7.75
9.50
5.31
8.81
5
A
22N-MENC-9
9
8.50
6.50
4.25
5.63
9.00
5.46
7.75
9.50
6.81
8.81
6
A
22N-MENC-12
12
10.38
6.50
4.25
5.63
10.88
5.46
9.36
11.38
6.81
10.69
6
A
22N-MENC-16
16
10.38
8.00
4.25
7.13
10.88
6.96
9.63
11.38
8.31
10.69
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com