Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
47
To easily remove the Snap-in Legend Plate from the Legend
Plate Frame mounted to the panel, insert a Tool with a thin tip
into the space between the Snap-in Legend Plate and the
Legend Plate Frame.
The Snap-in Legend Plate is easily removed by pressing the
Snap-in Legend Plate from the back of the Legend Plate Frame.
The Legend Plate Frame is made of acrylic resin, which is easily
damaged by shock. Be sure to handle the Legend Plate Frame
with care.
J
ENGRAVING METHOD
Material: Acrylic
Engrave the characters directly on the matted side of the Snap-in
Legend Plate.
The characters must be engraved no deeper than 0.5 mm.
Apply alcohol-based paint coating to the engraved characters.
If the Snap-in Legend Plate is transparent, engrave the
mirror-written characters on the back of the Snap-in Legend Plate
and apply paint coating to the characters. Then apply paint
coating of a different color to the remaining part of the Snap-in
Legend Plate.
J
MOUNTING THREE-THROW SPACER
Press and secure the two protruding portions of the Three-throw
Spacer to the two indented portions of the inner side of the
control panel.
Precautions
WARNING
Do not apply a voltage between the incandescent lamp and
the terminal that is greater than the rated voltage. If the incan-
descent lamp is broken, the Operational Units may pop out.
Always turn OFF the power and wait for 10 minutes before
replacing the incandescent lamp. If the lamp is replaced
immediately after the power is turned OFF, the remaining heat
may cause burns.
J
CORRECT USE
Mounting
Always make sure that the power is turned OFF before mounting,
removing, or wiring the Switch, or performing maintenance.
Do not tighten the mounting ring more than necessary using tools
such as pointed-nose pliers. Doing so will damage the mounting ring.
The tightening torque is 0.98 to 1.96 N • m {10 to 20 kgf • cm}.
The panel thickness is 1 to 5 mm.
Wiring
After wiring the Switch, maintain an appropriate clearance and
creepage distance.
When DC-specific LEDs are used, wire the Switch so that the X1
terminal is positive.
Terminal screws must be Phillips or slotted M3.5 screws with a
square washer.
The tightening torque is 1.08 to 1.27 N • m{11 to 13 kgf • cm}.
Single wires, stranded wires, and crimp terminals can be
connected to the Switch.
Operating Environment
The IP65 model is designed with a protective structure so that it
will not sustain damage if it is subjected to water from any
direction to the front of the panel.
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com