Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
46
Removing the Switch Unit
Insert a screwdriver between the Mounting Latch and the Switch
Unit, then push down the screwdriver in the direction indicated by
the arrow in the following figure.
Use either of the following screwdrivers.
Flat-head
screwdriver
Screwdriver
Phillips
screwdriver
J
WIRING
Wiring Round Crimp Terminals
Loosen the terminal screw from the Switch Unit until it completely
comes off the groove, insert a screwdriver as shown in the following
figure, then push up the washer in the direction indicated by the
arrow to temporarily secure it. Now, a round crimp terminal can be
connected. After inserting the terminal, tighten the screws to com-
plete wiring.
Screw
Washer
Screwdriver
J
ENGRAVING
Engrave the characters on the surface on the Cap. Make sure
that the characters are aligned parallel to the imaginary line
connecting the two protruding portions to the left and right of the
Cap.
The characters must not be engraved deeper than 0.5 mm. Apply
an alcohol-based paint coating, such as melamine, alkyd, or
acrylic resin paint coating, to the engraved characters.
Protruding portions on Cap
J
AFFIXING CHARACTER FILM
Hold the Cap, remove the cardboard on the Film, and attach the Film
to the Cap. Make sure that the protruding portions of the Cap en-
gage the cutout portions of the Film and that the characters are
aligned parallel to the imaginary line connecting the two protruding
portions to the left and right of the Cap.
Protruding portions on Cap
Remove the cardboard.
J
MOUNTING AND DISMOUNTING
SNAP-IN LEGEND
Press and secure the Snap-in Legend Plate onto the Legend
Plate Frame.
The direction of the characters will vary with the mounting
direction of the control panel if the Switch is a knob or key
selector model.
Legend Plate Frame
Snap-in Legend Plate
Concave surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com