Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Specifications Common to All
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
43
Installation
J
MOUNTING THE PANEL
Panel Hole Dimensions
22 dia.
(0.87)
25 dia.
(0.98)
24.1
(0.95)
22.3
(0.88)
22.3
(0.88)
25
(0.98)
3.2
(0.13)
For 25 mm-dia. holes, always use 25 mm-dia. Rings. (Since the
cutout dimensions are large, IP65 cannot be guaranteed unless
25-dia. Rings are used.)
If outer surface treatment such as paint is applied to the panel,
the panel dimensions after outer surface treatment must meet the
specified panel dimensions.
J
MATRIX INSTALLATION
1. The following panel hole dimensions apply when Switch Units
and the Standard-size Legend Plate Frame Lock Fitting are
mounted.
30
(1.18)
45
(1.77)
A22N-PR, -MR, -PX
A
22Z
30
(1.18)
41
(1.61)
2. The following panel hole dimensions apply when the
Large-size Legend Plate Frame is mounted.
45
(1.77)
45
(1.77)
A
22N-S
30
(1.18)
41
(1.61)
A
22Z
Locking should be applied toward the Engraving Plate.
Note: The above dimensions are the smallest-possible mounting
dimensions. However, these dimensions do not apply to
large Pushbutton Switches. For large Pushbutton
Switches, determine the distance between holes, taking
the Operational Unit and Legend Plate Frame into
account.
J
MOUNTING THE OPERATIONAL UNIT
ON THE PANEL
Insert the Operational Unit from the front surface of the panel,
insert the Lock Fitting and the mounting nut from the terminal
side, then tighten the nut. Before tightening, check that the rubber
washer is present between the Operational Unit and the panel.
When using a Legend Plate Frame, put one rubber washer each
between the Legend Plate Frame and the panel and between the
Operational Unit and the Legend Plate Frame. (One rubber
washer will be provided when one Legend Plate Frame is
ordered.)
Align the Lock Fitting with the groove in the casing, then insert
the Lock Fitting so that its edge is located on the panel side.
Tighten the mounting nut at a torque of 0.98 to 1.96 N • m{10 to
20 kgf • cm}.
When using a Lock Ring, replace with the supplied Lock Fitting,
insert the projecting part into the lock slot, and then tighten the
mounting nut.
Hold here
Mounting nut
Lock Fitting
Rubber washer
Panel
Proj-
ecting
part
Panel
Lock
Fitting
When the panel cutout dimension is 25 mm dia., remove the
supplied rubber washer and mount the 25 mm-dia. Ring as
shown below. (Since the A22Z-R25 is not attached to the main
body, order separately.)
Operational Unit
25-dia. Ring
Panel
Lock Fitting
Mounting nut
(A22Z-R25)
22.3 dia.
25 dia.
25 dia.
22.3 dia.
22.3 dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com