Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2500 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SA2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Datasheet
Characteristics
General Performance Characteristics
Characteristic
Description
RF Input
Operating Frequency Range
10 kHz - 6.2 GHz
Maximum Operating Input Level
+20 dBm peak envelope power
This is the maximum input level at which the instrument will meet its performance specifications.
For a signal without any amplitude variation, peak envelope power = rms.
Maximum Input Power without Damage
50 Wrms below 3.2 GHz
15 Wrms between 3.2 GHz and 6.2 GHz
IF Output
Output Impedance
50 ohms
IF Center Frequency
140 MHz
IF 3 dB Bandwidth
24 MHz
IF Output Level (nominal performance at 0 dBm input)
Input Frequency
IF Output Level
1GHz
-12 dBm
1.6 GHz
-12 dBm
3.6 GHz
-10 dBm
4.35 GHz
-11 dBm
5GHz
-16 dBm
5.75 GHz
-22 dBm
Internal Timebase
Frequency Error (factory calibration corrected)
±0.5 PPM from 0 °C to 50 °C
±1.0 PPM aging/year
Twenty-minute warm-up period required to meet accuracy specification
Frequency Error (GPS corrected)
±0.01 ppm (typical)
Frequency Error (after GPS Lock Loss)
±0.03 ppm, 10 minute interval after Lock Loss (unit operated for >20 minutes before Lock Loss and < 5 °C temperature
change over interval) (typical)
External Reference Input
Impedance
1500 ohm
Frequency Range
1 MHz up to 20 MHz ± 1 PPM in 1 MHz steps
Input Level Range
-15 dBm to +15 dBm, 1 MHz to 15 MHz
-10 dBm to +15dBm, 16MHz to 20 MHz
dBm levels assume 50 ohm source
Integrated GPS receiver
Position Accuracy (typical)
Horizontal: R < 9 meters (P = 90%)
Altitude: H < 18 meters (P = 90%)
Position Update Rate (nominal)
1 update/sec (Latitude/Longitude/Altitude)
Spectrum Analyzer Characteristics
Characteristic
Description
Frequency
Span
10 kHz to 6.2 GHz preamp off
10 MHzto6.2 GHzpreampon
Center Frequency Setting Resolution
1Hz
Swept Spans (wide scanning)
Span Range
20 MHz to 6.2 GHz
Spectrums per second
61 (typical)
Scan Speed
1240 MHz per second (Typical)
4 www.tektronix.comproducts/rsa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com