Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SA2500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Spectrum Analyzer
H500 / SA2500 Datasheet
Features & Benefits
Scan
Revolutionary DPX™ Live RF spectrum display technology with DPX
Spectrum Mask provides intuitive understanding of live RF signals
using colors based on frequency of occurrence, processing up to
10,000 spectrums/sec with a 100% Probability of Intercept (POI) to
capture pulsed signals, radar emissions, hopping signals, and any other
intermittent signals with a minimum duration as brief as 125 µs
Benchtop spectrum analyzer performance in a ruggedized handheld
battery-operated field unit offers better than 70 dB spurious free dynamic
range (SFDR), guaranteed ≤ -95 dBc/Hz at 10 kHz offset phase noise
specificationsfrom10kHz to 6.2GHz
Excellent sensitivity for detecting very low-level signals with -153 dBm
DANL at 10 Hz RBW (equivalent to -163 dBm/Hz) such as RF bugs and
unauthorized transmitters
LAN interface for remote control and unattended monitoring stations for
spectrum awareness
Classify
Built-in classification capability for WLAN, GSM, W-CDMA, CDMA,
ATSC signals makes quick and simple identification of legitimate signals
Flexibility to edit, upgrade, and share signal databases and signal
classification database using CSV file formats
Ability to export I/Q data into CSV, MATLAB®, and IQT format for
additional post-analysis
Locate
Rapid targeting of signals with field-proven signal hunting, mapping, and
documentation tools
Hunt outdoor signals with built-in GPS receiver by plotting
measurements directly into GPS geo-referenced maps such as Pitney
Bowes Mapinfo, Google™ Earth, Microsoft® MapPoint®, Bitmap, and
many others
Improved spectrum awareness with high-accuracy measurement
synchronization and time stamping
Hunt in-building signals with a single-touch Tap-and-Walk-and-Tap
interface
Backlit display, viewable in direct sunlight, and extended battery
performance with hot-swappable dual batteries
Rugged design per MIL-PRF-28800F
Applications
Spectrum Management
Spectrum Monitoring and Surveillance
Interference Detection and Troubleshooting
Signal Hunting
Signal Identification
Signals Intelligence (SIGINT)
Homeland Security


Similar Part No. - SA2500

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA2512 AUK-SA2512 Datasheet
50Kb / 3P
LED Lamp
SA2512B AUK-SA2512B Datasheet
50Kb / 3P
LED Lamp
logo
Sames
SA2531 SAMES-SA2531 Datasheet
392Kb / 24P
VERSATILE SINGLE CHIP TELEPHONE WITH 14 NUMBER REPERTORY DIALLER
SA2531 SAMES-SA2531 Datasheet
71Kb / 13P
SINGLE CHIP TELEPHONE INTERFACE FOR KEYBOARD ENTRY VIA uC
SA2531 SAMES-SA2531 Datasheet
36Kb / 4P
SINGLE CHIP TELEPHONE POWER EXTRACTION FOR EXTERNAL LOADS
More results

Similar Description - SA2500

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9320B KEYSIGHT-N9320B Datasheet
639Kb / 11P
RF Spectrum Analyzer
N9344C KEYSIGHT-N9344C Datasheet
1Mb / 10P
Handheld Spectrum Analyzer
N9320BRF KEYSIGHT-N9320BRF Datasheet
639Kb / 11P
RF Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
Spectrum Analyzer
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
Spectrum Analyzer
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
Spectrum Analyzer
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
SPECTRUM ANALYZER
GSP-9300B GWINSTEK-GSP-9300B Datasheet
711Kb / 4P
3GHz SPECTRUM ANALYZER
GSP-9330 GWINSTEK-GSP-9330 Datasheet
863Kb / 4P
3.25GHz SPECTRUM ANALYZER
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
Spectrum Analyzer
2011/65/EU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com