Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2500 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet
General Characteristics
Characteristic
Description
Environmental
Operating: 0 °C to +50 °C specified performance, -10 °C to +50 °C, typical
Nonoperating: -40 °C to +60 °C
Temperature
The temperature specs above are modified with the following options installed:
Li-Ion Batteries: Charge 0 °C to +45 °C, Storage -20 °C to +60 °C
Humidity
Operating and Nonoperating: 5% to 95% relative humidity (RH) at up to +30 °C, 5% to 45% RH above +30 °C up to
+50 °C, noncondensing
Altitude
Operating: Up to 4,600 meters (15,092 feet)
Nonoperating: Up to 12,192 meters (40,000 feet)
Electromagnetic Compatibility (EMC) Compliance
EN61326-1:2006 and EN61326-2:2006 Product Family Standard for Electrical Equipment for Measurement, Control, and Laboratory Use – EMC Requirements.
European Union
Emissions
CISPR11, Group 1, Class A
EN 61000-3-2
EN 61000-3-3
Immunity
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-11
Australia/New Zealand
EMC compliance in accordance with the ACMA
USA
FCC, CFR Title 47, Part 15, Subpart B, Class A.
Safety Compliance
Safety Compliance
ANSI/UL610101:2004
Electrical Equipment for Measurement, Control, and Laboratory Use
CSA C22.2 No. 61010.1:2004
Electrical Equipment for Measurement, Control, and Laboratory Use
EN 610101:2001
Safety Compliance Electrical Equipment for Measurement, Control, and Laboratory Use
IEC610101:2001
Electrical Equipment for Measurement, Control, and Laboratory Use
ISA 82.02.01
Electrical Equipment for Measurement, Control, and Laboratory Use
Physical
Dimensions
Height: 25.5 cm. (10.0 in.)
Width: 33 cm. (13 in.)
Depth: 12.5 cm. (4.8 in.)
Weight
5.56 kg (12.27 lb.)
Display
Color Display
10.4 in. (diagonal), transflective LCD
Resolution: 640×480 (VGA)
Power
Battery Life
5 hours of continuous Spectrum Mode (with optional second battery). Actual life can be higher depending on usage.
Warranty and Calibration
Warranty
1 year on parts and labor
Recommended Instrument Calibration Interval
2years
8 www.tektronix.comproducts/rsa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com