Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2500 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SA2500
Description  Spectrum Analyzer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA2500 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SA2500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 7Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 8Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA2500 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Spectrum Analyzer — H500 / SA2500
Feature
Description
Accuracy - Relative (typical)
±500 ns time-stamp error between multiple measurement results. Internal GPS reference lock required.
Accuracy - GPS Reference (typical)
±1 μs, all measurements except DPX Spectrum; ±1 ms DPX Spectrum. Time-stamp error relative to GPS system absolute
time reference. Internal GPS reference lock required, identical acquisition bandwidth setting required.
IQ Acquisition Time (available in Amplitude vs. Time)
Span
Sample Rate
Max Acquisition Length
20 MHz
28 Msps
36 ms
10 MHz
14 Msps
73 ms
5MHz
7Msps
146 ms
2 MHz
2.8 Msps
365 ms
1 MHz
1.4 Msps
731 ms
500 kHz
700 ksps
1.4 sec
200 kHz
280 ksps
3.6 sec
100 kHz
140 ksps
7.3 sec
50 kHz
72.9 ksps
14 sec
20 kHz
27.3 ksps
37 sec
10 kHz
13.7 ksps
74 sec
5 kHz
6.8 ksps
149 sec
AM Demodulation
Measurement Frequency
As previously selected
Minimum Input Signal Level, typical
-100 dBm
Audio Measurement Bandwidth
8 kHz
FM Demodulation
Measurement Frequency
As previously selected
Minimum Input Signal Level, typical
-100 dBm
Maximum Signal Deviation
Up to 100 kHz
Audio Measurement Bandwidth
8 kHz, 15 kHz, 75 kHz, or 200 kHz
Maximum Audio Output Bandwidth
15 kHz
Signal Strength Indicator
Input Signal Level
-120 dBm, minimum
Measurement Frequency
As previously selected
Measurement Bandwidth
Up to 20 MHz, dependant upon span and RBW setting
Tone Type
Variable beep rate or variable frequency
Update Rate, Typical
10 per second
Mapping
Native Map Type
Graticule (.gsf)
Map Types Directly Supported
Pitney Bowes MapInfo (*.mif), Bitmap (*.bmp)
Other Map Types Accepted Using PC Application
iMap Converter
Google™ Earth
Microsoft® MapPoint®
USGS DLG (*.opt)
ESRI ArcInfo Shape (*.shp)
Other raster formats (*.gif, *.jpg, *.png, *.tif)
www.tektronix.comproducts/rsa 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com