Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB488 Datasheet(PDF) 21 Page - ITT Industries

Part # ASTMB488
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB488 Datasheet(HTML) 21 Page - ITT Industries

Back Button ASTMB488 Datasheet HTML 17Page - ITT Industries ASTMB488 Datasheet HTML 18Page - ITT Industries ASTMB488 Datasheet HTML 19Page - ITT Industries ASTMB488 Datasheet HTML 20Page - ITT Industries ASTMB488 Datasheet HTML 21Page - ITT Industries ASTMB488 Datasheet HTML 22Page - ITT Industries ASTMB488 Datasheet HTML 23Page - ITT Industries ASTMB488 Datasheet HTML 24Page - ITT Industries ASTMB488 Datasheet HTML 25Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
21
4.5.9 Cable retention (flat cable only) (see 3.5.7). The unmated wired connector with strain relief, when applicable,
shall be mounted by normal mounting means and aligned with the test fixture. An axial force of 8 ounces per contact
shall be applied. The force shall be applied 6 inches from the mating face of the connector to the cable and shall pull
away from the connector in a direction that will put the maximum stress on the contact-cable interface.
4.5.10 Insulation resistance at ambient temperature (see 3.5.8). Unmated connectors shall be tested in accordance
with test procedure EIA/ECA-364-21. The resistance shall be measured between the contact shell and a point
including 50 percent, (but not less than four) of the contact pairs adjacent to the contact shell, or between the contact
shell and a point including 50 percent, (but not less than six) of the contacts adjacent to the contact shell. The
contacts selected shall be those having the closest spacing between measurement points and the measured
resistance shall be
as specified in 3.5.8.
4.5.11 Contact resistance (nonremovable contacts)(see 3.5.9). Contacts shall be tested in accordance with test
procedure EIA-364-06. A minimum of four mated contacts or 20 percent of the mated contacts, whichever is greater,
shall be measured in each connector being tested. The following details apply:
a.
Wire size: As specified (see 3.1).
b.
Preparation: Connectors mated.
c.
Test current: Maximum contact current rating (see 3.5.9).
d.
Test circuits for nonremovable and classes H and K connectors shall be as shown in test procedure
EIA-364-06. Test circuit for IDC connectors shall be as shown on figure 3.
4.5.11.1 Classes H and K pin contacts. Classes H and K pin contacts shall be mated with counterpart copper
based alloy socket contacts for the test
specified in 4.5.11.
I
POWER
SUPPLY
OPTIONAL
RL
V
M
FIGURE 3. Contact resistance test circuit for IDC connectors.
4.5.12 Contact engagement and separation forces (see 3.5.10). Contact engagement and separation forces shall
be tested in accordance with test procedure EIA-364-37. Four contacts or 20 percent of the contacts, whichever is
greater, shall be measured in each connector being tested. The following details apply:
a.
Insert and separate a maximum diameter pin in and from each socket contact, then insert and remove a
minimum diameter pin in the same sockets. During separation of the minimum diameter test pin, the
minimum separation force shall be
as specified in 3.5.10.
b.
Insert and separate a maximum diameter pin in and from each socket contact three times. During the third
cycle, the engagement force shall be
as specified in 3.5.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com