Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB488 Datasheet(PDF) 3 Page - ITT Industries

Part # ASTMB488
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB488 Datasheet(HTML) 3 Page - ITT Industries

  ASTMB488 Datasheet HTML 1Page - ITT Industries ASTMB488 Datasheet HTML 2Page - ITT Industries ASTMB488 Datasheet HTML 3Page - ITT Industries ASTMB488 Datasheet HTML 4Page - ITT Industries ASTMB488 Datasheet HTML 5Page - ITT Industries ASTMB488 Datasheet HTML 6Page - ITT Industries ASTMB488 Datasheet HTML 7Page - ITT Industries ASTMB488 Datasheet HTML 8Page - ITT Industries ASTMB488 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
3
DEPARTMENT OF DEFENSE STANDARDS
MIL-STD-202
- Test Methods for Electronic and Electrical Component Parts
MIL-STD-790
- Standard Practice for Established Reliability and High Reliability Qualified Products List
(QPL) Systems for Electrical, Electronic, and Fiber Optic Parts Specifications
MIL-STD-1285
- Marking of Electrical and Electronic Parts
(Copies of these documents are available online at https://assist.dla.mil/quicksearch/ or from the Standardization
Document Order Desk, 700 Robbins Avenue, Building 4D, Philadelphia, PA 19111-5094)
2.2.2 Other Government documents drawings and publications. The following other Government documents,
drawings, and publications form a part of this document to the extent specified herein. Unless otherwise specified, the
issues are those cited in the solicitation or contract.
NATIONAL AERONAUTICS AND SPACE ADMINISTRATION (NASA)
JSC SP-R-0022
- Vacuum Stability Requirements of Polymeric Material for Spacecraft Applications.
(Copies of these documents are available online at www.nasa.gov/centers/johnson/home/ or the NASA Johnson
Space Center 2101 NASA Parkway Houston, Texas 77058.)
2.3 Non-Government publications. The following documents form a part of this document to the extent specified
herein. Unless otherwise specified, the issues of these documents are those cited in the solicitation or contract
(see 6.2).
ASTM INTERNATIONAL
ASTM A342/A342M
- Test Method for Permeability of Feebly Magnetic Materials
ASTM B488
- Electrodeposited Coatings of Gold for Engineering Uses
ASTM B545
- Electrodeposited Coatings of Tin, Standard Specification For
ASTM B633
- Zinc on Iron and Steel, Electrodeposited Coatings Of
ASTM B733
- Autocatalytic Electroless Nickel-Phosphorus Coatings on Metal
ASTM B841
- Standard Specification for Electrodeposited of Zinc Nickel Alloy Deposits
ASTM E595
- Total Mass Loss and Collected Volatile Material from Outgassing in a Vacuum
- Environment, Condensable, Standard Test Method For
ASTM D4067
- Standard Classification System for Reinforced and Filled Poly(Phenylene
Sulfide) (PPS) Injection Molding and Extrusion Materials Using ASTM Methods
ASTM D5927
- Thermoplastic Polyester (TPES) Injection and Extrusion Materials Based on ISO
Test Methods
ASTM D5948
- Molding Compounds, Thermosetting, Standard Specification For
(Copies of these documents are available online at http://www.astm.org or
from the ASTM International, P.O.
Box C700, 100 Barr Harbor Drive, West Conshohocken, PA 19428-2959.)
ELECTRONIC INDUSTRIES ASSOCIATION
EIA-364
- Electrical Connector/Socket Test Procedures Including Environmental Classifications
EIA-364-02
- Air Leakage Test Procedure for Electrical Connectors
EIA-364-05
- Contact Insertion, Release and Removal Force Test Procedure for
Electrical Connectors
EIA-364-06
- Contact Resistance Test Procedure for Electrical Connectors
EIA-364-09
- Durability Test Procedure for Electrical Connectors and Contacts
EIA-364-10
- Fluid Immersion Test Procedure for Electrical Connectors and Sockets
EIA/ECA-364-13 - Mating and Unmating Forces Test Procedure for Electrical Connectors and Sockets
EIA-364-20
- Withstanding Voltage Test Procedure for Electrical Connectors, Sockets and Coaxial
Contacts
EIA/ECA-364-21 - Insulation Resistance Test Procedure for Electrical Connectors, Sockets, and Coaxial
Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com