Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB488 Datasheet(PDF) 11 Page - ITT Industries

Part # ASTMB488
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB488 Datasheet(HTML) 11 Page - ITT Industries

Back Button ASTMB488 Datasheet HTML 7Page - ITT Industries ASTMB488 Datasheet HTML 8Page - ITT Industries ASTMB488 Datasheet HTML 9Page - ITT Industries ASTMB488 Datasheet HTML 10Page - ITT Industries ASTMB488 Datasheet HTML 11Page - ITT Industries ASTMB488 Datasheet HTML 12Page - ITT Industries ASTMB488 Datasheet HTML 13Page - ITT Industries ASTMB488 Datasheet HTML 14Page - ITT Industries ASTMB488 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
11
3.5.3 Contact insertion and removal forces. The axial forces required to insert and remove removable contacts
shall conform to the applicable requirements in table I when tested as specified in 4.5.5.
TABLE I. Contact insertion and removal forces (pounds maximum).
Contact size
20
22D
Insertion
Removal
4
4
4
4
3.5.4 Mating and unmating force. The force for mating and unmating of counterpart connectors shall meet the
requirements in table II. The connectors used in this test shall have the complete complement of contacts. Testing
shall be as specified in 4.5.6.
TABLE II. Mating and unmating forces (pounds).
Shell
size
Unmating
Mating
Minimum
Maximum
Maximum
Class
Class
Class
G, D, M,
N
H, K
G, D, M,
N
H, K
G, D, M, N
H, K
1
0.75
1.50
6.0
7.00
10.0
7.25
2
1.00
2.00
10.0
13.00
17.0
13.00
3
1.75
3.25
17.0
21.25
28.0
21.25
4
2.50
4.50
24.0
31.25
39.0
31.25
5
3.25
5.50
30.0
42.25
49.0
42.25
6
4.50
----
39.0
-----
65.0
-----
3.5.5 Contact retention. Contacts for classes G, D, M, and N connectors shall be retained in their inserts by a
9-pound (minimum) force. The axial displacement of contacts shall not exceed .012 inch (0.30 mm) while under load
(see 4.5.7).
3.5.6 Dielectric withstanding voltage. Unmated connectors shall show no evidence of breakdown or flashover when
subjected to the test voltages and altitudes specified in tables III and IV. Corona shall not be considered as
breakdown. Testing shall be as specified in 4.5.8.
TABLE III. Type I and II test voltage (Volts rms, 60 Hz). 1/
Altitude
Humidity conditioned
(see 4.5.15)
All other
Conditions
Classes
G, D, M, N
Classes
H, K
Classes
G, D, M, N
Classes
H, K
Sea level
600
400
1,000
750
70,000 feet
---
---
325
175
1/ These are not working voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com