Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTMB488 Datasheet(PDF) 23 Page - ITT Industries

Part # ASTMB488
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB488 Datasheet(HTML) 23 Page - ITT Industries

Back Button ASTMB488 Datasheet HTML 19Page - ITT Industries ASTMB488 Datasheet HTML 20Page - ITT Industries ASTMB488 Datasheet HTML 21Page - ITT Industries ASTMB488 Datasheet HTML 22Page - ITT Industries ASTMB488 Datasheet HTML 23Page - ITT Industries ASTMB488 Datasheet HTML 24Page - ITT Industries ASTMB488 Datasheet HTML 25Page - ITT Industries ASTMB488 Datasheet HTML 26Page - ITT Industries ASTMB488 Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
23
4.5.17.1 Printed wiring board connector mounting. Mounting method
as specified in 4.5.16.2.
4.5.18 Durability (see 3.5.16). Connectors shall be tested in accordance with test procedure EAI-364-09. The
following details apply:
a.
Mated and unmated 500 times at a rate of 200 ±100 cycles per hour.
b.
After 500 cycles mated connectors shall be subjected to salt spray.
4.5.19 Salt spray (corrosion) (see 3.5.17). Mated connectors shall be subjected to a salt spray test in accordance
with test procedure EIA/ECA-364-26, test condition B. After exposure, connectors shall be thoroughly washed with tap
water to remove all salt deposits and then shall be dried in a circulating air oven at temperature of 38°C ±3°C for a
period of 12 hours. They shall then be visually examined for evidence of corrosion and subjected to the contact
resistance test
specified in 4.5.11 and the mating and unmating force test as specified in 4.5.6.
4.5.20 Oversize pin exclusion (see 3.5.18). A hardened steel oversize pin, as specified in 3.5.18, shall be placed in
a position centered and parallel to the axis of the socket contact. A 12-ounce axial force shall then be applied tending
to force the test pin into the socket contact. After completion of the test, the contacts shall be subjected to the contact
resistance test
as specified in 4.5.11. This test shall be performed on 20 percent or a minimum of four, of the socket
contacts in each connector.
4.5.21 Resistance to test probe damage (see 3.5.19). Socket contacts shall be tested in accordance with test
procedure EIA-364-25. The following details shall apply:
a.
The test shall be performed on 20 percent of the contacts, or a minimum of four contacts.
b.
After testing, the contacts shall meet the requirements
specified in 3.5.19 (contact engagement and
separation).
c.
Type 1 or type 2 contact holding device.
d.
Probe damage tool shall be inserted into the contact to the following depths:
Contact
size
Holding fixture
Type 1
Type 2
20
.202 ±.005, .077 ±.005
.250 ±.005, .125 ±.007
IDC
20
.202 ±.005, .077 ±.005
.250 ±.005, .125 ±.007
e.
The diameter of the handle (.190) is not applicable.
4.5.22 Fluid immersion (see 3.5.20). Connectors shall be tested in accordance with test procedure EIA-364-10.
The following details apply:
a.
Test fluid (a).
b.
Test fluid (d).
4.5.23 Insert retention (see 3.5.21). Unmated connectors shall be tested in accordance with test procedure
EIA-364-35:
a.
Force to be applied: 10 lb/in
2 per second until pressure specified in 3.5.21 is reached.
b.
For classes D, G, M, and N connectors, the wired contacts may be removed for convenience of testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com