Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # CB2012T2R2M
Description  Dual Monolithic 300mA Synchronous Step-Down Regulaor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

CB2012T2R2M Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button CB2012T2R2M Datasheet HTML 2Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 3Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 4Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 5Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 6Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 7Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 8Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 9Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3547
6
3547fa
PI FU CTIO S
VFB1 (Pin 1): Regulator 1 Output Feedback. Receives
the feedback voltage from the external resistor divider
across the regulator 1 output. Nominal voltage for this
pin is 0.6V.
RUN1 (Pin 2): Regulator 1 Enable. Forcing this pin to
VIN enables regulator 1, while forcing it to GND causes
regulator 1 to shut down.
VIN (Pin 3): Main Power Supply. Must be closely decou-
pled to GND.
SW1 (Pin 4): Regulator 1 Switch Node Connection to the
Inductor. This pin swings from VIN to GND.
GND (Pin 5): Ground. Connect to the (–) terminal of COUT,
and the (–) terminal of CIN.
SW2 (Pin 6): Regulator 2 Switch Node Connection to
the Inductor. This pin swings from VIN to GND.
RUN2 (Pin 7): Regulator 2 Enable. Forcing this pin to
VIN enables regulator 2, while forcing it to GND causes
regulator 2 to shut down.
VFB2 (Pin 8): Regulator 2 Output Feedback. Receives
the feedback voltage from the external resistor divider
across the regulator 2 output. Nominal voltage for this
pin is 0.6V.
Exposed Pad (Pin 9): Electrically Connected to GND.
Must be soldered to the PCB for optimum thermal
performance.
–
+
–
+
EA
–
+
VSLEEP
ITH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
S
R
Q
Q
RS
LATCH
BURST
ICOMP
IRCMP
ANTI
SHOOT-
THRU
SLOPE
COMP
SLEEP
0.6V REF
OSC
OSC
REGULATOR 2 (IDENTICAL TO REGULATOR 1)
SLEEP1
SLEEP2
SHUTDOWN
REGULATOR 1
SW1
SW2
5
Ω
3547 FD
1
2
7
8
RUN1
RUN2
VFB2
VFB1
4
VIN
3
GND
5
6
0.6V
BURST
CLAMP
SOFT-START
FUNCTIONAL DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com