Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 14 Page - Linear Integrated Systems

Part # CB2012T2R2M
Description  Dual Monolithic 300mA Synchronous Step-Down Regulaor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

CB2012T2R2M Datasheet(HTML) 14 Page - Linear Integrated Systems

Back Button CB2012T2R2M Datasheet HTML 8Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 9Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 10Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 11Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 12Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 13Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 14Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 15Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3547
14
3547fa
APPLICATIO S I FOR ATIO
Design Example
As a design example, consider using the LTC3547 in a
portable application with a Li-Ion battery. The battery
provides a VIN ranging from 2.8V to 4.2V. The load on
each channel requires a maximum of 300mA in active
mode and 2mA in standby mode. The output voltages are
VOUT1 = 2.5V and VOUT2 = 1.8V.
Start with channel 1. First, calculate the inductor value
for about 40% ripple current (120mA in this example) at
maximum VIN. Using a derivation of Equation 1:
L
V
MHz
mA
V
V
1
25
2 25
120
1
25
42
37
=−
⎛
⎝⎜
⎞
⎠⎟
=
.
.• (
)
•
.
.
.5
5
µH
For the inductor, use the closest standard value of 4.7µH.
A 4.7µF capacitor should be more than sufficient for this
output capacitor. As for the input capacitor, a typical value
of CIN = 4.7µF should suffice, as the source impedance of
a Li-Ion battery is very low.
The feedback resistors program the output voltage. To
maintain high efficiency at light loads, the current in these
resistors should be kept small. Choosing 2µA with the
0.6V feedback voltage makes R1~300k. A close standard
1% resistor is 280k. Using Equation 4:
R
V
Rk
OUT
2
06
1
1 887
=−
⎛
⎝⎜
⎞
⎠⎟
=
.
•
An optional 10pF feedback capacity (CF1) may be used to
improve transient response.
Using the same analysis for channel 2 (VOUT2 = 1.8V),
the results are:
L2 = 3.81µH
R3 = 280k
R4 = 560k
Figure 4 shows the complete schematic for this example,
along with the efficiency curve and transient response.
Figure 4a. Design Example Circuit
Figure 4b. Efficiency vs Output Current
VIN
RUN2
RUN1
LTC3547
VFB2
SW2
SW1
VFB1
CF2, 10pF
CF1, 10pF
GND
VIN
2.5V TO 5.5V
VOUT2
1.8V AT 300mA
VOUT1
2.5V AT 300mA
3547 F04a
R3
280k
R1
280k
R4
562k
L2
4.7
µH
L1
4.7
µH
R2
887k
COUT2
4.7
µF
C1
4.7
µF
COUT1
4.7
µF
C1, C2, C3: TAIYO YUDEN JMK316BJ475ML
L1, L2: MURATA LQH32CN4R7M33
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3547 F04b
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
0
1
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com