Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # CB2012T2R2M
Description  Dual Monolithic 300mA Synchronous Step-Down Regulaor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

CB2012T2R2M Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button CB2012T2R2M Datasheet HTML 7Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 8Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 9Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 10Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 11Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 12Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 13Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 14Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3547
11
3547fa
APPLICATIO S I FOR ATIO
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc., are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four sources usually account for the losses in
LTC3547 circuits: 1) VIN quiescent current, 2) switching
losses, 3) I2R losses, 4) other system losses.
1) The VIN current is the DC supply current given in the
Electrical Characteristics which excludes MOSFET
driver and control currents. VIN current results in a
small (<0.1%) loss that increases with VIN, even at
no load.
2) The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current re-
sults from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge dQ moves
from VIN to ground. The resulting dQ/dt is a current out
of VIN that is typically much larger than the DC bias cur-
rent. In continuous mode, IGATECHG = fO(QT + QB), where
QT and QB are the gate charges of the internal top and
bottom MOSFET switches. The gate charge losses are
proportional to VIN and thus their effects will be more
pronounced at higher supply voltages.
3) I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor,
RL. In continuous mode, the average output current
flows through inductor L, but is “chopped” between
the internal top and bottom switches. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP) • (DC) + (RDS(ON)BOT) • (1– DC)
(5)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Character-
istics curves. Thus, to obtain I2R losses:
I2R losses = IOUT2 • (RSW + RL)
4) Other “hidden” losses, such as copper trace and in-
ternal battery resistances, can account for additional
efficiency degradations in portable systems. It is very
important to include these “system” level losses in
the design of a system. The internal battery and fuse
resistance losses can be minimized by making sure that
CIN has adequate charge storage and very low ESR at
the switching frequency. Other losses, including diode
conduction losses during dead-time, and inductor
core losses, generally account for less than 2% total
additional loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com