Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 15 Page - Linear Integrated Systems

Part # CB2012T2R2M
Description  Dual Monolithic 300mA Synchronous Step-Down Regulaor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

CB2012T2R2M Datasheet(HTML) 15 Page - Linear Integrated Systems

Back Button CB2012T2R2M Datasheet HTML 8Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 9Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 10Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 11Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 12Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 13Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 14Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 15Page - Linear Integrated Systems CB2012T2R2M Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC3547
15
3547fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Figure 4c. Transient Response
APPLICATIO S I FOR ATIO
PACKAGE DESCRIPTIO
DDB Package
8-Lead Plastic DFN (3mm × 2mm)
(Reference LTC DWG # 05-08-1702 Rev B)
2.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING CONFORMS TO VERSION (WECD-1) IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
0.56
± 0.05
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
2.15
±0.05
(2 SIDES)
3.00
±0.10
(2 SIDES)
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0 – 0.05
(DDB8) DFN 0905 REV B
0.25
± 0.05
2.20
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.61
±0.05
(2 SIDES)
1.15
±0.05
0.70
±0.05
2.55
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
0.50 BSC
PIN 1
R = 0.20 OR
0.25
× 45°
CHAMFER
0.50 BSC
10
µs/DIV
IL
200mA/DIV
ILOAD
200mA/DIV
VOUT, AC
COUPLED
100mV/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA TO 300mA
10
µs/DIV
IL
200mA/DIV
ILOAD
200mA/DIV
VOUT, AC
COUPLED
100mV/DIV
3547 F04c
VIN = 3.6V
VOUT = 2.5V
ILOAD = 20mA TO 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com