Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLL6R Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLL6R Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0MLL6R Datasheet HTML 31Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 32Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 33Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 34Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 35Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 36Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 37Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 38Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
35
Figure 4 shows the constraints of the different power supplies.
Figure 4. Power supplies constraints (–0.3 V
 VDD_HV_IOx  6.0 V)
The MPC5602P supply architecture allows the ADC supply to be managed independently from the standard VDD_HV supply.
Figure 5 shows the constraints of the ADC power supply.
1 Functional operating conditions are given in the DC electrical characteristics. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 The difference between each couple of voltage supplies must be less than 300 mV,
VDD_HV_IOy –VDD_HV_IOx <300 mV.
3 Guaranteed by device validation.
4 Only when VDD_HV_IOx < 5.2 V
VDD_HV_xxx
VDD_HV_IOx
–0.3 V
6.0 V
–0.3 V
6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com