Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5601PEF0MLL6R Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # SPC5601PEF0MLL6R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0MLL6R Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0MLL6R Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5601PEF0MLL6R Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
73
Figure 25. Nexus TDI, TMS, TDO timing
3.17.4
External interrupt timing (IRQ pin)
Table 38. External interrupt timing1
1 IRQ timing specified at fSYS = 64 MHz and VDD_HV_IOx = 3.0 V to 5.5 V, TA =TL to TH, and CL = 200 pF with
SRC = 0b00
No.
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
1tIPWL
CC
D
IRQ pulse width low
—
4
—
tCYC
2tIPWH
CC
D
IRQ pulse width high
—
4
—
tCYC
3tICYC
CC
D
IRQ edge to edge time2
2 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
—4 + N3
3 N = ISR time to clear the flag
—tCYC
TDO
6
7
TMS, TDI
8
TCK
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com